Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4392 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB4392
Description  24-Bit, 192 kHz Stereo DAC with Volume Control?
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4392 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB4392 Datasheet HTML 1Page - Cirrus Logic CDB4392 Datasheet HTML 2Page - Cirrus Logic CDB4392 Datasheet HTML 3Page - Cirrus Logic CDB4392 Datasheet HTML 4Page - Cirrus Logic CDB4392 Datasheet HTML 5Page - Cirrus Logic CDB4392 Datasheet HTML 6Page - Cirrus Logic CDB4392 Datasheet HTML 7Page - Cirrus Logic CDB4392 Datasheet HTML 8Page - Cirrus Logic CDB4392 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
CS4392
DS459PP3
3
6.2.2 Soft Ramp or Zero Cross Enable (Bits 6:5) ...........................................20
6.2.3 ATAPI Channel Mixing and Muting (Bits 4:0) .........................................20
6.3 Channel A Volume Control - Address 03h ......................................................22
6.4.1 Mute (Bit 7) ............................................................................................22
6.4.2 Volume Control (Bits 6:0) .......................................................................22
6.5 Mode Control 2 - Address 05h ........................................................................22
6.5.1 Invert Signal Polarity (Bits 7:6) ...............................................................22
6.5.2 Control Port Enable (Bit 5) .....................................................................23
6.5.3 Power Down (Bit 4) ................................................................................23
6.5.4 AMUTEC = BMUTEC (Bit 3) ..................................................................23
6.5.5 Freeze (Bit 2) .........................................................................................23
6.5.6 Master Clock Divide (Bit 1) ....................................................................23
6.6 Mode Control 3 - Address 06h ........................................................................23
6.6.1 Interpolation Filter Select (Bit 4) .............................................................23
6.6.2 Soft Volume Ramp-up after Reset (Bit 3) ..............................................24
6.6.3 Soft Ramp-down before Reset (Bit 2) ....................................................24
6.7 Chip ID - Register 07h .....................................................................................24
7. CHARACTERISTICS/SPECIFICATIONS ..................................................................25
ANALOG CHARACTERISTICS (CS4392-KS/KZ/KZZ)...........................................25
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER
RESPONSE ............................................................................................................26
SWITCHING CHARACTERISTICS - SERIAL AUDIO INTERFACE .......................32
SWITCHING SPECIFICATIONS - DSD INTERFACE.............................................33
SWITCHING CHARACTERISTICS - CONTROL PORT INTERFACE....................34
SWITCHING CHARACTERISTICS - SPI CONTROL PORT ..................................35
DC ELECTRICAL CHARACTERISTICS .................................................................36
DIGITAL INPUT CHARACTERISTICS & SPECIFICATIONS .................................36
RECOMMENDED OPERATING SPECIFICATIONS ..............................................37
ABSOLUTE MAXIMUM RATINGS..........................................................................37
8. PARAMETER DEFINITIONS ......................................................................................38
9. REFERENCES ............................................................................................................38
10. PACKAGE DIMENSIONS ........................................................................................39
LIST OF TABLES
Table 1. Clock Ratios .................................................................................................................... 10
Table 2. Single Speed (4 to 50 kHz sample rates) Common Clock Frequencies ......................... 10
Table 3. Double Speed (50 to 100 kHz sample rates) Common Clock Frequencies................... 10
Table 4. Quad Speed (100 to 200 kHz sample rates) Common Clock Frequencies ................... 10
Table 5. Digital Interface Format, Stand-Alone Mode Options...................................................... 11
Table 5. De-Emphasis Select, Stand-Alone Mode........................................................................ 12
Table 6. Mode Selection, Stand-Alone Mode Options .................................................................. 12
Table 7. Direct Stream Digital (DSD), Stand-Alone Mode Options ............................................... 13
Table 8. Digital Interface Formats - PCM Modes .......................................................................... 18
Table 10. De-Emphasis Mode Selection...................................................................................... 19
Table 11. Functional Mode Selection............................................................................................ 19
Table 12. Soft Cross or Zero Cross Mode Selection.................................................................... 20
Table 13. ATAPI Decode .............................................................................................................. 21
Table 14. Digital Volume Control Example Settings ..................................................................... 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com