Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4932X Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4932X
Description  Part Matrix vs. Code Matrix for AVR/Outboard Decoder-based Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4932X Datasheet(HTML) 5 Page - Cirrus Logic

  CS4932X Datasheet HTML 1Page - Cirrus Logic CS4932X Datasheet HTML 2Page - Cirrus Logic CS4932X Datasheet HTML 3Page - Cirrus Logic CS4932X Datasheet HTML 4Page - Cirrus Logic CS4932X Datasheet HTML 5Page - Cirrus Logic CS4932X Datasheet HTML 6Page - Cirrus Logic CS4932X Datasheet HTML 7Page - Cirrus Logic CS4932X Datasheet HTML 8Page - Cirrus Logic CS4932X Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS4932X/CS49330
DS339AM3
5
Note: Tone Control includes basic bass and treble
control for each full bandwidth channel. The
parametric EQ can not be changed after
kickstart. Delays are all channel.
•
EFF - (a.k.a. C.O.S. - Crystal Original Sound)
Reverberative and delay effects code for stereo
to multichannel effects processing and +/-12dB
Tone Control. This code allows for designers to
generate such DSP modes as: Concert Hall,
Theater, Jazz Club, etc.
Note: Tone Control is implemented as individual bass
and treble control on the Left, Right, and Center
output channels. There is an output mixer for
each channel allowing for multiple speaker
configuration settings. However, conventional
downmixing is not applicable in the effects code.
•
EFF_REEQ - Crystal Original Sound with +/-
12dB Tone Control in addition to user-
programmable 2nd Order IIR Biquads which
are capable of offering Re-EQ™ functionality.
Re-EQ coefficients are NOT supplied by Cirrus
Logic, Inc. Use of Re-EQ technology requires a
license from the THX Division of Lucasfilm,
Ltd.
Note: Tone Control is implemented as individual bass
and treble control on the Left, Right, and Center
output channels. Re-EQ is implemented on only
the L, C, and R channels. There is an output
mixer for each channel allowing for multiple
speaker configuration settings. However,
conventional downmixing is not applicable in the
effects code.
•
EFFI - Internal Boot Assist (IBA) program for
loading Crystal Original Surround code
Note: There is an output mixer for each channel
allowing for multiple speaker configuration
settings. However, conventional downmixing is
not applicable in the effects code. Please refer to
AN163 for more detail regarding the differences
between IBA and Full Download codes.
•
HDC - Pacific Microsonics HDCD™ PCM
Enhancement offers upsampling and resolution
enhancement.
Note: Autodetection for HDCD is a two step process,
please see AN163D for details.The HDCD code
is capable of accepting and autodetection HDCD
and non-HDCD encoded PCM stereo inputs with
an Fs from 32 kHz to 96 kHz. HDCD processing
is only available for input streams 48kHz and
lower. The HDCD is also capable of upsampling
32 kHz to 64 kHz, 44.1 kHz to 88.2 kHz, and
48kHz to 96kHz.
•
LG7 - Logic 5™ (previously called “Logic 7”)
is a PCM Enhancement algorithm created by
Lexicon, a Harman International Companym
which accepts a 2 channel input and outputs up
to 5.1 discrete channels. Fs of PCM input must
be 48kHz, 44.1kHz or 32kHz..
•
LG7_7DOT1 - Logic 7™ is the next generation
PCM Enhancement algorithm from Lexicon, a
Harman International Company, which accepts
a 2 channel input and outputs up to 7.1 discrete
channels. Fs of PCM input must be 96kHz,
88.2kHz, 64kHz, 48kHz, 44.1kHz or 32kHz..
•
MPEQ - MPEG Multichannel with Dolby Pro
Logic decoder. This code features a 5 Channel,
5 Band Parametric Equalizer
Note: The MPEQ code ONLY supports the following
MPEG streams: MPEG-2, Layer 2 (with and
without extension). MPEG-2 Low Sampling
Frequencies are currently not supported. Please
refer to AN163 for more details on stream
support.
®
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com