Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4954 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS4954_06 Datasheet HTML 37Page - Cirrus Logic CS4954_06 Datasheet HTML 38Page - Cirrus Logic CS4954_06 Datasheet HTML 39Page - Cirrus Logic CS4954_06 Datasheet HTML 40Page - Cirrus Logic CS4954_06 Datasheet HTML 41Page - Cirrus Logic CS4954_06 Datasheet HTML 42Page - Cirrus Logic CS4954_06 Datasheet HTML 43Page - Cirrus Logic CS4954_06 Datasheet HTML 44Page - Cirrus Logic CS4954_06 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
CS4954 CS4955
DS278F6
41
Control Register 3
Address
0
×03
CONTROL_3
Read/Write
Default Value = 00h
Control Register 4
Address
0
×04
CONTROL_4
Read/Write
Default Value = 3Fh
NOTE: 1. The FIELD pin (pin 9) remains an output pin in SLAVE mode. However, the FIELD pin state does not
toggle in SLAVE mode and its output state should be considered random.
Bit Number
7
654
3210
Bit Name
RESERVED
FD THR C1 FD THR C2 FD THR SV FD THR EN
CBAR
Default
0
000
0000
Bit
Mnemonic
Function
7:5
-
reserved
4FD THR C1
feedthrough enabled for composite 1 output (0 = off, 1 = on)
3FD THR C2
feedthrough enabled for composite 2 output (0 = off, 1 = on)
2FD THR SV
feedthrough enabled for s-video (on luma signal) (0 = off, 1 = on)
1FD THR_EN
Enable (1 = enable) input to feed through during inactive lines
0
CBAR
internal color bar generator (0 = off, 1 = on)
Bit Number
7
6
5
4
3
210
Bit Name
CB_H_SEL
CB_FLD_SEL(1) COMDAC_PD SVIDLUM_PD SVIDCHR_PD
R_PD
G_PD
B_PD
Default
0
0
1
1
1
111
Bit
Mnemonic
Function
7
CB_H_SEL
Composite Blank / HSYNC output select (1 = CB select, 0 = HSYNC select)
6
CB_FLD_SEL
Composite Blank / FIELD output select (1 = CB select, 0 = FIELD select)(1)
5
COMDAC_PD
power down composite DAC
0: power up, 1: power down
4
SVIDLUM_PD
power down luma s-video DAC
0: power up, 1: power down
3
SVIDCHR_PD
power down chroma s-video DAC
0: power up, 1: power down
2R_PD
power down red rgb video DAC
0: power up, 1: power down
1G_PD
power down green rgb video DAC
0: power up, 1: power down
0B_PD
power down blue rgb video DAC
0: power up, 1: power down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com