Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5345 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5345_07 Datasheet HTML 12Page - Cirrus Logic CS5345_07 Datasheet HTML 13Page - Cirrus Logic CS5345_07 Datasheet HTML 14Page - Cirrus Logic CS5345_07 Datasheet HTML 15Page - Cirrus Logic CS5345_07 Datasheet HTML 16Page - Cirrus Logic CS5345_07 Datasheet HTML 17Page - Cirrus Logic CS5345_07 Datasheet HTML 18Page - Cirrus Logic CS5345_07 Datasheet HTML 19Page - Cirrus Logic CS5345_07 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
16
DS658F2
CS5345
DIGITAL INTERFACE CHARACTERISTICS
Test conditions (unless otherwise specified): AGND = DGND = 0 V; VLS = VLC = 1.71 V to 5.25 V.
16. Serial Port signals include: MCLK, SCLK, LRCK, SDOUT.
Control Port signals include: SCL/CCLK, SDA/CDOUT, AD0/CS, AD1/CDIN, RESET, INT, OVFL.
17. Guaranteed by design.
Parameters (Note 16)
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VL = 1.71 V
Serial Port
Control Port
VL > 2.0 V
Serial Port
Control Port
VIH
VIH
VIH
VIH
0.8xVLS
0.8xVLC
0.7xVLS
0.7xVLC
-
-
-
-
-
-
-
-
V
V
V
V
Low-Level Input Voltage
Serial Port
Control Port
VIL
VIL
-
-
-
-
0.2xVLS
0.2xVLC
V
V
High-Level Output Voltage at Io = 2 mA
Serial Port
Control Port
VOH
VOH
VLS-1.0
VLC-1.0
-
-
-
-
V
V
Low-Level Output Voltage at Io = 2 mA
Serial Port
Control Port
VOL
VOL
-
-
-
-
0.4
0.4
V
V
Input Leakage Current
Iin
--
±10
μA
Input Capacitance
(Note 17)
--
1
pF
Minimum OVFL Active Time
-
-
μs
10
6
LRCK
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com