Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-5231 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5231
Description  Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5231 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5231 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5231 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5231 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5231 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5231 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-5231 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-5231 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-5231 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-5231 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Figure 12. Series LED Drive with Open Collector Gate
(4.02 kΩ Resistor Shunts IOH from the LED).
Figure 13. Recommended LSTTL to LSTTL Circuit.
GND
VCC
D.U.T.
619
Ω
VCC1
(+5 V)
OPEN
COLLECTOR
GATE
TTL OR
LSTTL
DATA
INPUT
4.02 K
Ω
GND
V CC
D.U.T.
665
Ω
V CC1
(+5 V)
TOTEM
POLE
OUTPUT
GATE
TTL OR
LSTTL
DATA
INPUT
TTL OR
LSTTL
DATA
INPUT
665
Ω
TOTEM
POLE
OUTPUT
GATE
1
1
2
0.1
µF
DATA
OUTPUT
V CC2
(+5 V)
DATA
OUTPUT
UP TO 16 LSTTL
LOADS
OR 4 TTL LOADS
UP TO 16 LSTTL
LOADS
OR 4 TTL LOADS
Figure 10. LSTTL to CMOS Interface Circuit.
Figure 11. Recommended LED Drive Circuit.
GND
VCC
D.U.T.
RL
665
Ω
VCC1
(+5 V)
VCC2
(4.5 TO 20 V)
CMOS
TOTEM
POLE
OUTPUT
GATE
VO
VE
DATA
OUTPUT
TTL OR
LSTTL
2
DATA
INPUT
1
VCC2
5 V
10 V
15 V
20 V
R L
1.1 K
2.37 K
3.83 K
5.11 K
GND
VCC
D.U.T.
750
Ω
VCC1
(+5 V)
TOTEM
POLE
OUTPUT
GATE
TTL OR
LSTTL
DATA
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com