Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2962 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2962
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2962 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCMS-2962 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCMS-2962 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-2962 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2962 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2962 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2962 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2962 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2962 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2962 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Electrical Characteristics Over Operating Temperature Range (-40
°C to +85°C)
TA = 25°C
-40
°C < TA < 85°C
VLOGIC = 5.0 V
3.0 V < VLOGIC < 5.5 V
Parameter
Symbol
Typ.
Max.
Min.
Max.
Units
Test Conditions
Input Leakage Current
II
µAVIN = 0 V to VLOGIC
HCMS-290X/296X (4 char)
+7.5
-2.5
+50
HCMS-291X/297X (8 char)
+15
-5.0
+100
HCMS-292X (16 char)
+15
-5.0
+100
ILOGIC OPERATING
ILOGIC(OPT)
mA
VIN = VLOGIC
HCMS-290X/296X (4 char)
0.4
2.5
5
HCMS-291X/297X (8 char)
0.8
5
10
HCMS-292X (16 char)
0.8
5
10
ILOGIC SLEEP[1]
ILOGIC(SLP)
µAVIN = VLOGIC
HCMS-290X/296X (4 char)
5
15
25
HCMS-291X/297X (8 char)
10
30
50
HCMS-292X (16 char)
10
30
50
ILED BLANK
ILED(BL)
mA
BL = 0 V
HMCS-290X/296X (4 char)
2.0
4
4.0
HCMS-291X/297X (8 char)
4.0
8
8
HCMS-292X (16 char)
4.0
8
8
ILED SLEEP[1]
ILED(SLP)
µA
HCMS-290X/296X (4 char)
1
3
50
HCMS 291X/297X (8 char)
2
6
100
HCMS-292X (16 char)
2
6
100
Peak Pixel Current[2]
IPIXEL
VLED = 5.5 V
HCMS-29X5 (AlGaAs)
15.4
17.1
18.7
mA
All pixels ON,
HCMS-29XX (Other Colors)
14.0
15.9
17.1
mA
Average value per pixel
HIGH Level Input Voltage
Vih
2.0
V
4.5 V < VLOGIC < 5.5 V
0.8 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
LOW Level Input Voltage
Vil
0.8
V
4.5 V < VLOGIC < 5.5 V
0.2 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
HIGH Level Output Voltage
Voh
2.0
V
VLOGIC = 4.5 V,
Ioh = -40 µA
0.8 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
LOW Level Output Voltage
Vol
0.4
V
VLOGIC = 5.5 V,
Iol = 1.6 mA[3]
0.2 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
Thermal Resistance
RqJ-P
70
°C/W IC junction to pin
Notes:
1. In SLEEP mode, the internal oscillator and reference current for LED drivers are off.
2. Average peak pixel current is measured at the maximum drive current set by Control Register 0. Individual pixels may exceed this value.
3. For the Oscillator Output, Iol = 40 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com