Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA1002 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # UMA1002
Description  Data processor for cellular radio DPROC2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1002 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button UMA1002 Datasheet HTML 22Page - NXP Semiconductors UMA1002 Datasheet HTML 23Page - NXP Semiconductors UMA1002 Datasheet HTML 24Page - NXP Semiconductors UMA1002 Datasheet HTML 25Page - NXP Semiconductors UMA1002 Datasheet HTML 26Page - NXP Semiconductors UMA1002 Datasheet HTML 27Page - NXP Semiconductors UMA1002 Datasheet HTML 28Page - NXP Semiconductors UMA1002 Datasheet HTML 29Page - NXP Semiconductors UMA1002 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
MODOUT
CLKIN
modulation
TRANSMITTER
SUBSYSTEM
RECEIVER
SUBSYSTEM
9.6 MHz
OUTPUT
100
nF
10
µF
VDDD
(
+3 V)
VDDA
(
+3 V)
2.2
µF
I2 C interface
MICROCONTROLLER
(PCB80C552)
GENERAL PURPOSE
I/O ports
SDA
SCL
BUSY/VSAT
RXLINE
RXCLK
TXLINE
TXCLK
TXHOLD
n.c.
TSCAN
A0
DATA
TXCTRL TACTRL RACTRL
CLKIN
CLKOUT
INVRX
INVTX
TST
VSSA
AGND
DEMODD
100 k
Ω
100
nF
8
31
30
29
VSSD
7
MVO
3
12
21
4
11
10
32
19
9
1
23
22
14,18
2
6
15
16
13
26
5
17
27
24
28
25
RESET
JTACS
10 nF
10 nF
DEMOD
AGND
DATA
TX
MUTE
RX
MUTE
AUDIO PROCESSOR
9.6 MHz
1.2 MHz
TXDIS
DATA PROCESSOR
UMA1002H
demodulated data/audio
270 pF
line
MGC630
VDDD
(
+3 V)
CLKSEL
20
(
+3 V)
(
+3 V)
RECDATA
+
+
VOX
Fig.13 DPROC2 baseband application circuit (LQFP32, SOT358-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com