Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDR-8000 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDR-8000
Description  Reflective Optical Surface Mount Encoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDR-8000 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HEDR-8000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDR-8000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDR-8000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDR-8000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDR-8000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDR-8000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDR-8000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDR-8000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
VLED
GND
VCC
CH A
CH B
GND
SIGNAL
PROCESSING
CIRCUITRY
R
CODEWHEEL
OR
CODESTRIP
Block Diagram
The reflective surface mount
optical encoders provide two
square wave outputs in quadra-
ture for count and direction
information. These TTL
compatible outputs correspond to
the alternating reflective/non-
reflective pattern of the
codewheel or codestrip.
The HEDR-8000/8100 series
encoders can be used over a
range of codewheel and codestrip
resolutions. The HEDR-8000/
8100 reflective encoder can
operate from 2.76 to 2.95 lines
per mm (70 to 75 lines per inch).
The HEDR-8100 can be used with
a codewheel or codestrip with
150 lines per inch (5.91 lines
per mm).
Applications
The HEDR-8000/8100 series
provides two channel motion
sensing at a very low cost, making
it ideal for high volume
applications. Its small size and
surface mount capability make it
ideal for printers, copiers, card
readers, and consumer product
applications.
Note: Avago Technologies
encoders are not recommended
for use in safety critical
applications. Eg. ABS braking
systems, power steering, life
support systems and critical care
medical equipment. Please
contact sales representative if
more clarification is needed.
Theory of Operation
The HEDR-8000/8100 series
combines an emitter and a
detector in a single surface mount
SO-8 package. When used with a
codewheel or codestrip, the
reflective sensors translates
rotary or linear motion into a two
channel digital output.
As seen in the block diagram, the
HEDR-8000/8100 series has three
key parts: a single light emitting
diode (LED) light source, a
photodetector IC with a set of
uniquely configured photodiodes,
and a pair of lenses molded into
the package. The lens over the
LED focuses light onto the
codewheel or codestrip. Light is
either reflected or not reflected
back to the lens over the
photodetector IC.
As the codewheel rotates or
codestrip passes by, an alternat-
ing pattern of light and dark
corresponding to the pattern of
the codewheel falls upon the
photodiodes. This light is used to
produce internal signals A and A,
and B and B. As part of this
“push-pull” detector system, these
signals are fed through compara-
tors to produce the final outputs
for channels A and B.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com