Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-B53Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B53Z
Description  91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B53Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B53Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B53Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B53Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B53Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B53Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B53Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B53Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B53Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-B53Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Package Dimensions
Single Color
60.96
(2.400)
91.44
(3.600)
ROW
COL
1
2
3
4
5
6
7
12
345
PIN 1
∅10.16 (0.40)
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. UNLESS OTHERWISE STATED, TOLERANCES ARE ± 0.25 mm.
5.08
(0.200)
PART NO.
76.20
(3.000)
4.80 ± 0.50
(0.189)
106.55
(4.195)
76.20
(3.000)
76.00
(2.992)
13.00 (0.512)
0.80
(0.031)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com