Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-U103 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U103
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-U103 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-U103 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-U103 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-U103 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U103 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U103 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U103 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U103 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U103 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U103 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Part Numbering System
50 82 -xxxx-xx xxx
HDSP - x xx x-xxx xx
Mechanical Options[1]
00: No mechanical option
36: Special dimensional tolerances
Color Bin Options[1,2]
0: No color bin limitation
Maximum Intensity Bin[1,2]
0: No maximum intensity bin limitation
Minimum Intensity Bin[1,2]
0: No minimum intensity bin limitation
Device Configuration/Color[1]
1: Common Anode
3: Common Cathode
Device Specific Configuration[1]
Refer to respective data sheet
Package[1]
U: 8 mm (0.31 inch) Ultra Mini Single Digit Seven Segment Display
Notes:
1. For codes not listed in the figure above, please refer to the respective data sheet or contact your nearest Avago representative
for details.
2. Bin options refer to shippable bins for a part-number. Color and Intensity Bins are typically restricted to 1 bin per tube
(exceptions may apply). Please refer to respective data sheet for specific bin limit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com