Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONTROL44 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONTROL44
Description  4 bit Address - 4 bit Data encoder/decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONTROL44 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONTROL44 Datasheet HTML 1Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 2Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 3Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 4Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 5Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 6Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Radiometrix Ltd
Control44
page 1
Features
•
Operating voltage (temperature):
3.0V-5.5V for standard version (-40
°C to +125°C)
2.0V-5.5V for low voltage version (-40
°C to +85°C)
•
Draws <2mA without external load
•
4 bit address and 4 bit data
•
16 different remotes with 4 controls each
•
Single packetised transmission for fast activation
•
Maximum usage of the range capability of an RF module
•
Adequate preamble to settle data slicer in the receiver.
•
Extra wake up preamble to allow for transmitter power up time requirements
•
Differential Manchester encoding of address, data and checksum
•
Synchronisation codes and checksum to reduce false triggering on noise
•
Suitable to be used with Narrow Band FM radio modules
•
Ceramic resonator or crystal oscillator up to 20MHz
•
Data rate up to 5.6kbps
•
Minimum external component requirement
•
4 wire, push button and latched push button modes
•
Custom address, data bit variations available subject to minimum order quantity
Applications
•
Security and Alarm systems
•
Emergency assistance call system
•
Status reporting and monitoring systems
•
RF Remote control systems
•
Industrial controls
•
HVAC controls
•
Simple On/Off switching
•
Long range telecontrol with Narrow Band FM radios
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue: 4, 01 November 2004
Control44
Control44 is a 4 bit address, 4 bit data
encoder and decoder combined in a single IC.
This device can operate in either Encode or
Decode mode. It uses 1kbps differential
Manchester bit balancing with preamble and
checksum.CTR44 is specifically designed to
be used in RF remote control applications. It
is available in 20pin SSOP, 18pin SOIC and
PDIP packages.
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
4 bit Address - 4 bit Data encoder/decoder
Figure 1: Control44 in SO, DIL packages


Similar Part No. - CONTROL44

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CONTROL44 RADIOMETRIX-CONTROL44 Datasheet
385Kb / 7P
4 bit Address - 4 bit Data encoder/decoder
More results

Similar Description - CONTROL44

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
4-BIT LATCH/4-TO-16 LINE DECODER
Jun-1989
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
4-bit Latch/4-to-16-Line Decoder
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
1-bit 4-bit Address Register / Driver with 3-state Outputs
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
4-bit Latch/4-to-16-line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
4-bit Latch/4-to-16-line Decoder
logo
Radiometrix Ltd
CONTROL44 RADIOMETRIX-CONTROL44 Datasheet
385Kb / 7P
4 bit Address - 4 bit Data encoder/decoder
CTA88 RADIOMETRIX-CTA88 Datasheet
326Kb / 6P
8 bit Address - 8 bit Data encoder/decoder
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
4 bit Address - 12 bit Data encoder/decoder
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Texas Instruments
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
16-BIT ADDRESS/DATA MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com