Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3807MP Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC3807MP
Description  NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3807MP Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC3807MP Datasheet HTML 1Page - Sanyo Semicon Device 2SC3807MP Datasheet HTML 2Page - Sanyo Semicon Device 2SC3807MP Datasheet HTML 3Page - Sanyo Semicon Device 2SC3807MP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3807MP
No. A0629-3/4
0.1
0.01
7
2
5
3
7
2
5
3
2
1.0
7
5
3
1.0
0.1
23
5
2
3
5
72
10
35
7
10ms
ICP=4A
IC=2A
IT11925
100ms
DC
operation
0
0.2
0.4
1.0
1.2
0.6
0.8
1.4
20
060
40
80
100
120
140
160
IT11926
Ta=75°C
25°C
--25°C
1000
5
5
3
2
7
0.01
3
25
0.1
72
3
2
3
5
1.0
7
VCE=5V
IT11144
IT11147
10
5
3
100
2
7
IT11146
3
1.0
2
2
3
Ta= --25°C
25°C
75°C
7
5
IT11148
0.01
3
25
0.1
72
3
2
3
5
1.0
7
100
2
3
7
5
7
3
2
5
0.1
5
37 1.0
22
5
32
5
3
7
10
0.01
3
25
0.1
72
3
2
3
5
1.0
7
0.01
3
25
0.1
72
3
2
3
5
1.0
7
0.1
0.01
5
7
7
5
3
2
7
5
3
2
IT11145
IC / IB=50
Ta
=7
5°
C
--25
°C
25°
C
VCE=10V
f=1MHz
IC / IB=50
Collector Current, IC -- A
hFE -- IC
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta
No
heat
sink
Ta=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com