Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3LP04MH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 3LP04MH
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP04MH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  3LP04MH Datasheet HTML 1Page - Sanyo Semicon Device 3LP04MH Datasheet HTML 2Page - Sanyo Semicon Device 3LP04MH Datasheet HTML 3Page - Sanyo Semicon Device 3LP04MH Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3LP04MH
No. A0551-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=--10V, VGS=--4V, ID=--200mA
0.58
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--4V, ID=--200mA
0.17
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--4V, ID=--200mA
0.12
nC
Diode Forward Voltage
VSD
IS=--200mA, VGS=0V
--0.89
--1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7019A-003
1 : Gate
2 : Source
3 : Drain
SANYO : MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID= --100mA
RL=150Ω
Rg
VDD= --15V
VOUT
3LP04MH
VIN
0V
--4V
VIN
Rg=5k
Ω
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
IT11700
IT11701
IT11698
IT11699
--0.1
--1
0
2
0
--0.5
0
0
0
--0.2
--0.3
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
0
--100
--80
--60
--40
--20
--200
--180
--160
--140
--120
--2.0V
VGS= --
1.5V
--250
--200
--150
--100
--50
--300
--1.0
--1.5
--2.0
--2.5
--3.0
VDS= --10V
--2
--3
--4
--5
--6
--7
--8
4
6
8
9
1
3
5
7
10
Ta=25
°C
--10mA
--50mA
ID= --100mA
--40
--60
--20
0
20
40
60
80
100
120
160
140
1
0
2
3
4
5
6
7
ID= -
-50mA,
VGS
= --2.5V
ID=
--10mA,
VGS
= --1.5V
ID= -
-100mA,
VGS=
--4.0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com