Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM35CA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM35CA
Description  Precision Centigrade Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM35CA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM35CA Datasheet HTML 1Page - National Semiconductor (TI) LM35CA Datasheet HTML 2Page - National Semiconductor (TI) LM35CA Datasheet HTML 3Page - National Semiconductor (TI) LM35CA Datasheet HTML 4Page - National Semiconductor (TI) LM35CA Datasheet HTML 5Page - National Semiconductor (TI) LM35CA Datasheet HTML 6Page - National Semiconductor (TI) LM35CA Datasheet HTML 7Page - National Semiconductor (TI) LM35CA Datasheet HTML 8Page - National Semiconductor (TI) LM35CA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH5516
December 1994
LM35LM35ALM35CLM35CALM35D
Precision Centigrade Temperature Sensors
General Description
The LM35 series are precision integrated-circuit tempera-
ture sensors whose output voltage is linearly proportional to
the Celsius (Centigrade) temperature The LM35 thus has
an advantage over linear temperature sensors calibrated in
Kelvin as the user is not required to subtract a large con-
stant voltage from its output to obtain convenient Centi-
grade scaling The LM35 does not require any external cali-
bration or trimming to provide typical accuracies of g
C
at room temperature and g
C over a full b55 to a150 C
temperature range Low cost is assured by trimming and
calibration at the wafer level The LM35’s low output imped-
ance linear output and precise inherent calibration make
interfacing to readout or control circuitry especially easy It
can be used with single power supplies or with plus and
minus supplies As it draws only 60 mA from its supply it has
very low self-heating less than 01 C in still air The LM35 is
rated to operate over a b55
to a150 C temperature
range while the LM35C is rated for a b40 to a110 C
range (b10 with improved accuracy) The LM35 series is
available packaged in hermetic TO-46 transistor packages
while the LM35C LM35CA and LM35D are also available in
the plastic TO-92 transistor package The LM35D is also
available in an 8-lead surface mount small outline package
and a plastic TO-202 package
Features
Y
Calibrated directly in
Celsius (Centigrade)
Y
Linear a 100 mV C scale factor
Y
05 C accuracy guaranteeable (at a25 C)
Y
Rated for full b55 to a150 C range
Y
Suitable for remote applications
Y
Low cost due to wafer-level trimming
Y
Operates from 4 to 30 volts
Y
Less than 60 mA current drain
Y
Low self-heating 008 C in still air
Y
Nonlinearity only g
C typical
Y
Low impedance output 01 X for 1 mA load
Connection Diagrams
TO-46
Metal Can Package
TLH5516 – 1
Case is connected to negative pin (GND)
Order Number LM35H LM35AH
LM35CH LM35CAH or LM35DH
See NS Package Number H03H
TO-92
Plastic Package
TLH5516 – 2
Order Number LM35CZ
LM35CAZ or LM35DZ
See NS Package Number Z03A
SO-8
Small Outline Molded Package
TLH5516 – 21
Top View
NC e No Connection
Order Number LM35DM
See NS Package Number M08A
TO-202
Plastic Package
TLH5516 – 24
Order Number LM35DP
See NS Package Number P03A
Typical Applications
TLH5516 – 3
FIGURE 1 Basic Centigrade
Temperature
Sensor (a2 Cto a150 C)
TLH5516 – 4
Choose R1 ebVS 50 mA
VOUTea1500 mV at a150 C
ea
250 mV at a25 C
eb
550 mV at b55 C
FIGURE 2 Full-Range Centigrade
Temperature Sensor
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - LM35CA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35CA NSC-LM35CA Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35CAH NSC-LM35CAH Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35CAH NSC-LM35CAH Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35CAH TI1-LM35CAH Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM35CAH TI1-LM35CAH Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
More results

Similar Description - LM35CA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35 Datasheet
348Kb / 15P
LM35 Precision Centigrade Temperature Sensors
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM35CZ TI1-LM35CZ Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
LM35 Precision Centigrade Temperature Sensors
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com