Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1044 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1044
Description  Analog Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1044 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1044 Datasheet HTML 1Page - National Semiconductor (TI) LM1044 Datasheet HTML 2Page - National Semiconductor (TI) LM1044 Datasheet HTML 3Page - National Semiconductor (TI) LM1044 Datasheet HTML 4Page - National Semiconductor (TI) LM1044 Datasheet HTML 5Page - National Semiconductor (TI) LM1044 Datasheet HTML 6Page - National Semiconductor (TI) LM1044 Datasheet HTML 7Page - National Semiconductor (TI) LM1044 Datasheet HTML 8Page - National Semiconductor (TI) LM1044 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VS)
17V
Package Dissipation at TA e 25 C (Note 8)
20W
Voltage at Control and Signal Inputs
b
02V to Vs a02V
Output Current I23 I17 I16 I15
10 mA
ESD Susceptibility (Note 5)
2000V
Operating Temperature
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
265 C
Junction Temperature
150 C
Electrical Characteristics VS e 12V RL e 600X CL e 20 pF TA e 25 C unless otherwise stated
Test Limit
Design Limit
Parameter
Conditions
(Note 6)
(Note 7)
Units
Min
Max
Min
Typ
Max
Supply Voltage Vs
8
16
8
12
16
V
Supply Current
RGB1 Channel Selected
60
42
60
mA
with No Input Signals Applied
Control Inputs Logic High Level
Control Inputs A B C and
20
20
V
Control Inputs Logic Low Level
( EnableInput
08
08
V
Enable Input Current Pin 22
0V to Vs
2
10
m
A
Control Input Current
0V Logic Level
20
50
m
A
5V Logic Level
250
500
m
A
Enable Pulse Width
5
m
s
Channel Select Time
57
m
s
COMPOSITE VIDEO CHANNELS
InputsPins 1 2 3
OutputPin 23
Maximum Input Voltage Swing
For Output THD e 1%
1 kHz
12
Vp-p
Input Impedance
12
15
17
kX
Dynamic Output Impedance
10
X
Voltage Gain
Input Signal e 05 Vp-p
100 kHz
53
53
58
63
dB
Bandwidth
Input Signal e 05 Vp-p b3 dB
40
40
50
MHz
Signal to Noise Ratio
Bandwidth e 5 MHz
60
dB
Channel Isolation (Note 1)
Input Signal e 05 Vp-p
3 MHz
60
dB
Crosstalk (Note 2)
Input Signal e 05 Vp-p
3 MHz
b
60
dB
Load Resistance (Note 3)
AC Coupled
600
X
DC Coupled to GND
2
kX
Power Supply Rejection Ratio
VS Modulated 1 Vp-p
1 kHz
40
50
dB
CV Bias (Pin 14) Input Impedance
10
kX
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com