Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5545ABCPZN Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5545ABCPZN
Description  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5545ABCPZN Datasheet(HTML) 2 Page - Analog Devices

  ADRF5545ABCPZN Datasheet HTML 1Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 2Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 3Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 4Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 5Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 6Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 7Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 8Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADRF5545A
Data Sheet
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features.............................................................................................. 1
Applications ...................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications .................................................................................... 3
Electrical Specifications............................................................... 3
2.6 GHz Tuned Operation .......................................................... 4
Absolute Maximum Ratings ........................................................... 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions ............................ 6
Interface Schematics .................................................................... 7
Typical Performance Characteristics............................................. 8
Receive Operation, High Gain Mode.........................................8
Receive Operation, Low Gain Mode ....................................... 10
Transmit Operation................................................................... 12
Receive Operation, High Gain Mode with 2.6 GHz Tuning 13
Receive Operation, Low Gain Mode with 2.6 GHz Tuning. 15
Transmit Operation at with 2.6 GHz Tuning ........................ 17
Theory of Operation ...................................................................... 18
Signal Path Select........................................................................ 18
Biasing Sequence........................................................................ 18
Applications Information ............................................................. 19
2.6 GHz Operation..................................................................... 19
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
4/2020—Rev. A to Rev. B
Changes to Theory of Operation Section.................................... 18
Changes to Applications Information Section and Figure 47...... 19
5/2019—Revision A: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com