Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1963M Datasheet(PDF) 3 Page - EPCOS

Part # G1963M
Description  IF Filter for Intercarrier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

G1963M Datasheet(HTML) 3 Page - EPCOS

  G1963M Datasheet HTML 1Page - EPCOS G1963M Datasheet HTML 2Page - EPCOS G1963M Datasheet HTML 3Page - EPCOS G1963M Datasheet HTML 4Page - EPCOS G1963M Datasheet HTML 5Page - EPCOS G1963M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 08, 2001
SAW Components
G 1963 M
38,90 MHz
IF Filter for Intercarrier Applications
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
37,40 MHz
12,7
14,2
15,7
dB
following data
Relative attenuation
α
rel
Picture carrier
38,90 MHz
4,9
5,9
6,9
dB
Color carrier
34,47 MHz
–0,4
0,6
1,6
dB
34,15 MHz
—
3,2
—
dB
Sound carrier
33,40 MHz
19,1
20,1
21,1
dB
Adjacent picture carrier UHF
30,90 MHz
44,0
55,0
—
dB
Adjacent picture carrier VHF
31,90 MHz
42,0
46,0
—
dB
32,40 MHz
42,0
46,0
—
dB
40,15 MHz
42,0
50,0
—
dB
Adjacent sound carrier VHF
40,40 MHz
45,0
53,0
—
dB
Adjacent sound carrier UHF
41,40 MHz
42,0
49,0
—
dB
Lower sidelobe
25,00
... 32,40 MHz
41,0
45,0
—
dB
Upper sidelobe
40,40
... 45,00 MHz
36,0
40,0
—
dB
Reflected wave signal suppression
1,1
µs ... 6,0 µs after main pulse
44,0
50,0
—
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Group delay predistortion
∆τ
(reference frequency 38,90 MHz)
37,00 MHz
—
–85
—
ns
34,47 MHz
—
0
—
ns
Impedance at 37,40 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,8 ||14,8
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
1,6 || 5,3
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com