Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0145CSSM00SMKA0-CP2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AR0145CSSM00SMKA0-CP2
Description  1/4.3-inch 1 MP CMOS Digital Image Sensor with Global Shutter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0145CSSM00SMKA0-CP2 Datasheet(HTML) 2 Page - ON Semiconductor

  AR0145CSSM00SMKA0-CP2 Datasheet HTML 1Page - ON Semiconductor AR0145CSSM00SMKA0-CP2 Datasheet HTML 2Page - ON Semiconductor AR0145CSSM00SMKA0-CP2 Datasheet HTML 3Page - ON Semiconductor AR0145CSSM00SMKA0-CP2 Datasheet HTML 4Page - ON Semiconductor AR0145CSSM00SMKA0-CP2 Datasheet HTML 5Page - ON Semiconductor AR0145CSSM00SMKA0-CP2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATA SHEET
www.onsemi.com
 Semiconductor Components Industries, LLC, 2021
September, 2024 − Rev. 1
1
Publication Order Number:
AR0145CS−PD/D
1/4.3-inch 1 MP CMOS
Digital Image Sensor with
Global Shutter
AR0145CS
Description
The AR0145CS is a 1/4.3−inch CMOS digital image sensor with an
active−pixel array of 1280 (H) x 800 (V). It incorporates a new
innovative global shutter pixel design optimized for accurate and fast
capture of moving scenes. The sensor produces clear, low noise
images in both low−light and bright scenes. It includes sophisticated
camera functions such as auto exposure control, windowing, row skip
mode, column−skip mode, pixel−binning and both video and single
frame modes. It is programmable through a simple two−wire serial
interface. The AR0145CS produces extraordinarily clear, sharp digital
pictures, and its ability to capture both continuous video and single
frames makes it the perfect choice for a wide range of applications,
including scanning and industrial inspection.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
1/4.3−inch (4.23 mm)
Active Pixels
1280 (H) x 800 (V) not including 8
border pixels on each side
Pixel Size
2.8 mm
Color Filter Array
Monochrome
Chief Ray Angle
0 or 28
Shutter Type
Global Shutter
Input Clock Range
10–48 MHz
Output Interface
8/10−bit MIPI, 1/2−lane
Output Data Rate
Maximum Serial Output Data Rate
800 Mbps/lane
Frame Rate
Full Resolution
120 fps (10−bit)
Responsivity
Monochrome
41.9 ke−/lux*s
SNRMAX
37 dB
Dynamic Range
65.3 dB
Supply Voltage
I/O
Digital
Analog
1.8 V
1.2 V
2.8 V
Power Consumption
150 mW (Full Resolution, 120 fps)
Operating Temperature
(−30C < TJ < +85C)
Optimal Performance Temperature
Range
(0C < TJ < +60C)
Package Options
5.74 x 4.42 mm 47−ball CSP
qJA: 31.6C/W (Note 1)
qJB: 9.5C/W
Bare Die
1. qJA” is dependent on the customer module design and should not be used
for calculating junction temperature.
Features
 Superior Low−light and IR Performance
 1/2−lane 8/10−bit MIPI
 Automatic Black Level Calibration (ABLC)
 Horizontal and Vertical Mirroring,
Windowing and Pixel Binning
 5 x 5 Statistics Engine for On−chip Auto
Exposure Control for Any Programmable
Region of Interest (ROI)
 Flexible Control for Row and Column Skip
Mode
 On−chip Trigger Mode for Synchronization
 Built in Flash Control
 Two On Chip Phase Lock Loop (PLL)
 Context Switching
 960 bytes One−time Programmable Memory
(OTPM)
 Simple Two−wire Fast−mode + Serial
Interface
Applications
 Bar Code Scanner
 Gesture Recognition
 3D Scanning
 Positional Tracking
 Iris Scanning
 Augmented Reality
 Virtual Reality
 Biometrics
 Machine Vision
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
ODCSP47
CASE 570CZ
Request Full Data Sheet
Non−NDA Data Sheet
Interested in what you see? If you would like
more detailed information, please request the
full version of our data sheet.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com