Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET1-4230 Datasheet(PDF) 1 Page - Power-One

Part # NET1-4230
Description  AC-DC Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET1-4230 Datasheet(HTML) 1 Page - Power-One

  NET1-4230 Datasheet HTML 1Page - Power-One NET1-4230 Datasheet HTML 2Page - Power-One NET1-4230 Datasheet HTML 3Page - Power-One NET1-4230 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multiple-Output Model Selection
– 240W WITH 300 LFM FORCED AIR COOLING
MODEL
OUTPUT
ADJUSTMENT
OUTPUT
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT (NOTE 1)
REGULATION
REGULATION
Pk-Pk (NOTE 2)
ACCURACY
+3.3V
+0.5V
50A
0.2%
1%
50mV
± 30mV
NET1-4350
+12V
FIXED
4A
0.2%
3%
120mV
± 100mV
+12V
FIXED
4A
0.2%
3%
120mV
± 100mV
+5V
+0.5V
30A
0.2%
1%
50mV
± 50mV
+3.3V
+0.5V
50A
0.2%
1%
50mV
± 20mV
NET1-4230
+5V
FIXED
5A
0.2%
3%
50mV
± 50mV
+12V
FIXED
4A
0.2%
3%
120mV
± 100mV
+2.5V
+0.5V
50A
0.2%
1%
50mV
± 20mV
+3.3V
+0.5V
50A
0.2%
1%
50mV
± 30mV
NET1-4130
+5V
FIXED
5A
0.2%
3%
50mV
± 50mV
+12V
FIXED
4A
0.2%
3%
120mV
± 100mV
+1.8V
+0.5V
50A
0.2%
1%
50mV
± 20mV
+1.8V
+0.5V
50A
0.2%
1%
50mV
± 20mV
NET1-4112
+12V
FIXED
4A
0.2%
3%
120mV
± 100mV
+12V
FIXED
4A
0.2%
3%
120mV
± 100mV
+1.5V
+0.5V
50A
0.2%
1%
50mV
± 20mV
NOTES: 1) Output currents ratings are expressed with 300 LFM forced air @ 18 CFM.
2) Maximum peak-to-peak noise for a 20 MHz bandwidth.
NET1 AC-DC Series Data Sheet
MAY 18, 2005 revised to APR 05, 2006
Page 1 of 4
www.power-one.com
Features
•
Currents over 100 Amps
•
Fits 1U chassis height constraints
•
No minimum load requirement
•
Current-share capabilities on all outputs
•
Patented high-efficiency design
•
Meets European power factor requirements
•
Excellent load transient response
Designed to meet the stringent requirements of today’s high-speed datacom and telecom circuitry, Power-One’s NET1
Series is an excellent compact power solution for low-voltage, high-current applications. The NET1’s high efficiency is
achieved through the use of synchronous rectification and a newly-patented “Soft Transition Forward Converter”.
The NET1’s rectification method lowers output losses, reduces system cooling requirements (allowing greater power
in a smaller package), and eliminates minimum-load requirements.
Advanced surface-mount design and packing technology reduce the NET1’s height to 1.35” (34.3mm) to fit in 1U
applications. NET1’s high-performance active power factor circuitry meets EN61000-3-2 requirements for compliance
with European Power Line Harmonic Requirements for 2001. A multifunctional output terminal allows connection to #8
ring lugs, 0.25” quick disconnects, cable connectors, and PCB-mounted connectors.
Description
Model numbers highlighted in yellow or shaded are not recommended for new designs.


Similar Part No. - NET1-4230

ManufacturerPart #DatasheetDescription
logo
Power-One
NET1-4112 POWER-ONE-NET1-4112 Datasheet
64Kb / 3P
Currents Over 100 Amps
NET1-4130 POWER-ONE-NET1-4130 Datasheet
64Kb / 3P
Currents Over 100 Amps
NET1-4325 POWER-ONE-NET1-4325 Datasheet
64Kb / 3P
Currents Over 100 Amps
More results

Similar Description - NET1-4230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSK-S10 ETC1-FSK-S10 Datasheet
49Kb / 3P
FSK10 SERIES AC/DC CONVERTERS
FSK-S15 ETC1-FSK-S15 Datasheet
50Kb / 3P
FSK15 SERIES AC/DC CONVERTERS
logo
Power-One
NET2-4350 POWER-ONE-NET2-4350 Datasheet
83Kb / 5P
NET2 AC-DC Series
MPB150 POWER-ONE-MPB150 Datasheet
97Kb / 4P
Dual-Output AC-DC Series
NHC3000 POWER-ONE-NHC3000 Datasheet
105Kb / 4P
AC-DC Series
logo
Astrodyne Corporation
LCE10-24-120-X-60 ASTRODYNE-LCE10-24-120-X-60 Datasheet
73Kb / 1P
LCE Series DC-AC Inverter
logo
AIMTEC
AME5-VZ AIMTEC-AME5-VZ Datasheet
587Kb / 3P
AC-DC / DC-DC Converter
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME25-CVZ AIMTEC-AME25-CVZ Datasheet
655Kb / 6P
AC-DC / DC-DC Converter
logo
Schneider Electric
LC1D SCHNEIDER-LC1D Datasheet
971Kb / 2P
AC/DC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com