Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8416 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 40Page - Cirrus Logic CS8416_07 Datasheet HTML 41Page - Cirrus Logic CS8416_07 Datasheet HTML 42Page - Cirrus Logic CS8416_07 Datasheet HTML 43Page - Cirrus Logic CS8416_07 Datasheet HTML 44Page - Cirrus Logic CS8416_07 Datasheet HTML 45Page - Cirrus Logic CS8416_07 Datasheet HTML 46Page - Cirrus Logic CS8416_07 Datasheet HTML 47Page - Cirrus Logic CS8416_07 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
44
DS578F3
CS8416
14.14 Interrupt 1 Status (0Dh)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least once since
the register was last read. A “0” means the associated interrupt condition has NOT occurred since the last
reading of the register. Reading the register resets all bits to 0, unless the interrupt mode is set to level and
the interrupt source is still true. Status bits that are masked off in the associated mask register will always
be “0” in this register.
PCCH
– PC burst preamble change.
Indicates that the PC byte has changed from its previous value. If the IEC61937 bit in the Format Detect
Status register goes high, it will cause a PCCH interrupt even if the PC byte hasn’t changed since the last
time the IEC61937 bit went high.
OSLIP
- Serial audio output port data slip interrupt
When the serial audio output port is in slave mode, and OLRCK is asynchronous to the port data source,
this bit will go high every time a data sample is dropped or repeated. See “Slip/Repeat Behavior” on
page 25 for more information.
DETC
- D to E C-buffer transfer interrupt.
Indicates the completion of a D to E C-buffer transfer. See “Channel Status Buffer Management” on
page 51.
C_CHANGE
-Indicates that the current 10 bytes of channel status is different from the previous 10 bytes.
(5 bytes per channel)
RERR
- A receiver error has occurred.
The Receiver Error register may be read to determine the nature of the error which caused the interrupt.
QCH
– A new block of Q-subcode is available for reading. The data must be read within 588 AES3 frames
after the interrupt occurs to avoid corruption of the data by the next block.
FCH
– Format Change: Goes high when the PCM, IEC61937, DTS_LD, DTS_CD, or DGTL_SIL bits in the
Format Detect Status register transition from 0 to 1. When these bits in the Format Detect Status register
transition from 1 to 0, an interrupt will not be generated.
14.15 Q-Channel Subcode (0Eh - 17h)
Each byte is LSB first with respect to the 80 Q-subcode bits Q[79:0]. Thus, bit 7 of address 0Eh is Q[0] while
bit 0 of address 0Eh is Q[7]. Similarly, bit 0 of address 17h corresponds to Q[79].
76543210
0
PCCH
OSLIP
DETC
CCH
RERR
QCH
FCH
76543210
CONTROL
CONTROL
CONTROL
CONTROL
ADDRESS
ADDRESS
ADDRESS
ADDRESS
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE
ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com