| Electronic Components Datasheet Search |
|
CS8420-CSR Datasheet(PDF) 82 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8420-CSR Datasheet(HTML) 82 Page - Cirrus Logic |
|
82 / 94 page ![]() 82 DS245F4 CS8420 15.1.1 Manually Accessing the E Buffer The user can monitor the data being transferred by reading the E buffer, which is mapped into the register space of the CS8420, via the control port. The user can modify the data to be transmitted by writing to the E buffer. The user can configure the interrupt enable register to cause interrupts to occur whenever D-to-E or E-to- F buffer transfers occur. This allows determination of the allowable time periods to interact with the E buff- er. Also provided are D-to-E and E-to-F inhibit bits. The associated buffer transfer is disabled whenever the user sets these bits. These may be used whenever “long” control port interactions are occurring. They can also be used to align the behavior of the buffers with the selected audio data flow. For example, if the audio data flow is serial port in to AES3 out, then it is necessary to inhibit D-to-E transfers, since these would overwrite the desired transmit C data with invalid data. Flowcharts for reading and writing to the E buffer are shown in Figures 39 and 40. For reading, since a D- to-E interrupt just occurred, then there a substantial time interval until the next D-to-E transfer (approxi- mately 192 frames worth of time). This is usually plenty of time to access the E data without having to inhibit the next transfer. For writing, the sequence starts after a E-to-F transfer, which is based on the out- put timebase. Since a D-to-E transfer could occur at any time (this is based on the input timebase), then it is important to inhibit D-to-E transfers while writing to the E buffer until all writes are complete. Then wait until the next E-to-F transfer occurs before enabling D-to-E transfers. This ensures that the data written to the E buffer actually gets transmitted and not overwritten by a D-to-E transfer. If the channel status block to transmit indicates PRO mode, then the CRCC byte is automatically calcu- lated by the CS8420, and does not have to be written into the last byte of the block by the host microcon- troller. block 1 block 2 block 3 block 4 block 5 block 1 block 1 block 2 block 3 block 3 block 4 block 5 Contents of E buffer Updated at Fsi rate Contents of F buffer Updated from E Output at Fso rate Fso > Fsi (3/2) Causes blocks 1 and 3 to be transmitted twice Fso < Fsi (2/3) Causes blocks 3 and 6 to not be transmitted Contents of E buffer Updated at Fsi rate Contents of F buffer Updated from E Output at Fso rate block 1 block 2 block 3 block 4 block 5 block 6 block 7 block 1 block 2 block 4 block 5 block 7 Figure 38. Channel Status Block Handling When Fso is Not Equal to Fsi D to E interrupt occurs Optionally set D to E inhibit Read E data If set, clear D to E inhibit Return Figure 39. Flowchart for Reading the E Buffer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |