Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8420-CSZR Datasheet(PDF) 80 Page - Cirrus Logic

Part # CS8420-CSZR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZR Datasheet(HTML) 80 Page - Cirrus Logic

Back Button CS8420-CSZR Datasheet HTML 76Page - Cirrus Logic CS8420-CSZR Datasheet HTML 77Page - Cirrus Logic CS8420-CSZR Datasheet HTML 78Page - Cirrus Logic CS8420-CSZR Datasheet HTML 79Page - Cirrus Logic CS8420-CSZR Datasheet HTML 80Page - Cirrus Logic CS8420-CSZR Datasheet HTML 81Page - Cirrus Logic CS8420-CSZR Datasheet HTML 82Page - Cirrus Logic CS8420-CSZR Datasheet HTML 83Page - Cirrus Logic CS8420-CSZR Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
80
DS245F4
CS8420
connection. Generally, it may be a good idea to provide the option of grounding or capacitively coupling the
shield to the chassis.
In the case of the consumer interface, the standards call for an unbalanced circuit having a receiver imped-
ance of 75
Ω ±5%. The connector for the consumer interface is an RCA phono socket. The receiver circuit
for the consumer interface is shown in Figure 35.
The circuit shown in Figure 36 may be used when external RS422 receivers, optical receivers or other
TTL/CMOS logic outputs drive the CS8420 receiver section.
14.3
Isolating Transformer Requirements
The transformer should be capable of operating from 1.5 to 14 MHz, which is equivalent to an audio data
rate of 25 kHz to 108 kHz after bi-phase mark encoding. Transformers provide isolation from ground loops,
60 Hz noise, and common mode noise and interference. One of the important considerations when choos-
ing transformers is minimizing shunt capacitance between primary and secondary windings. The higher the
shunt capacitance, the lower the isolation between primary and secondary, and the more coupling of high
frequency energy. This energy appears in the form of common mode noise on the receive side ground and
has the potential to degrade analog performance. Therefore, for best performance, shielded transformers
optimized for minimum shunt capacitance should be used. See Application Note 134 for a selection of man-
ufacturers and their part numbers.
RCA Phono
RXP
RXN
CS8420
Coax
75
Ω
75
Ω
0.01 F
μ
0.01 F
μ
Figure 35. Consumer Input Circuit
RXP
RXN
CS8420
0.01 F
μ
0.01 F
μ
TTL/CMOS
Gate
Figure 36. TTL/CMOS Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com