Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42416 Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192 kHz 6-Ch Codec with PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS42416 Datasheet HTML 65Page - Cirrus Logic CS42416 Datasheet HTML 66Page - Cirrus Logic CS42416 Datasheet HTML 67Page - Cirrus Logic CS42416 Datasheet HTML 68Page - Cirrus Logic CS42416 Datasheet HTML 69Page - Cirrus Logic CS42416 Datasheet HTML 70Page - Cirrus Logic CS42416 Datasheet HTML 71Page - Cirrus Logic CS42416 Datasheet HTML 72Page - Cirrus Logic CS42416 Datasheet HTML 73Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
72
DS602F1
CS42416
15.REVISION HISTORY
Release
Date
Changes
A1
May 2003
Advance Release
A2
August 2004
Added lead free part numbers.
F1
November 2005
Final Release
–
Added Revision History table on page 71.
–
Updated registers 6.6.6 and 6.6.7 on page 47.
–
Updated registers 6.7.4 and 6.7.5 on page 49.
–
Updated PLL components in Table 16 on page 62.
–
Added OMCK Frequency specification in the Switching Characteristics
table on page 11.
–
Updated ADC Input Impedance and Offset Error specifications in the
Analog Input Characteristics table on page 7.
–
Updated the DAC Full-Scale Voltage, Output Impedance, and Gain Drift
specifications in the Analog Output Characteristics table on page 9.
–
Updated specification conditions for the analog input characteristics on
page 7.
–
Updated specification conditions for the analog output characteristics on
page 9.
–
Updated specification of tds, tdh, tdpd, and tlrpd in the Switching
Characteristics table on page 11.
–
Corrected reference to the SW_CTRL[1:0] bits in section 4.4.3 on page 24.
–
Moved the VQ and FILT+ specifications from the Analog Input
Characteristics table on page 7 to the DC Electrical Characteristics table
on page 14.
–
Updated the Power Supply Current and Power Consumption
specifications in the DC Electrical Characteristics table on page 14.
–
Updated section 4.4.4 on page 24.
–
Corrected default value of the Chip_ID[3:0] bits in register 01h on
pages 39 and 42.
–
Updated default value of the Rev_ID[3:0] bits in register 01h on pages 39
and 42.
–
Updated PLL_CLK[2:0] bit description on page 49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com