Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8416 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS8416 Datasheet HTML 31Page - Cirrus Logic CS8416 Datasheet HTML 32Page - Cirrus Logic CS8416 Datasheet HTML 33Page - Cirrus Logic CS8416 Datasheet HTML 34Page - Cirrus Logic CS8416 Datasheet HTML 35Page - Cirrus Logic CS8416 Datasheet HTML 36Page - Cirrus Logic CS8416 Datasheet HTML 37Page - Cirrus Logic CS8416 Datasheet HTML 38Page - Cirrus Logic CS8416 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
DS578F3
35
CS8416
13.CONTROL PORT REGISTER QUICK REFERENCE
Addr
(HEX)
R/W
Function
76543210
00
R/W
Control0
0
FSWCLK
0
0
PDUR
TRUNC
Reserved
Reserved
01
R/W
Control1
SWCLK
MUTSAO
INT1
INT0
HOLD1
HOLD0
RMCKF
CHS
02
R/W
Control2
DETCI
EMPH_CN
TL2
EMPH_CN
TL1
EMPH_CN
TL0
GPO0SEL3 GPO0SEL2 GPO0SEL1 GPO0SEL0
03
R/W
Control3
GPO1SEL3 GPO1SEL2 GPO1SEL1 GPO1SEL0 GPO2SEL3 GPO2SEL2 GPO2SEL1 GPO2SEL0
04
R/W
Control4
RUN
RXD
RXSEL2
RXSEL1
RXSEL0
TXSEL2
TXSEL1
TXSEL0
05
R/W
Serial Audio Data
Format
SOMS
SOSF
SORES1
SORES0
SOJUST
SODEL
SOSPOL
SOLRPOL
06
R/W
Receiver Error
Mask
0
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM
07
R/W
Interrupt Mask
0
PCCHM
OSLIPM
DETCM
CCHM
RERRM
QCHM
FCHM
08
R/W
Interrupt Mode
MSB
0
PCCH1
OSLIP1
DETC1
CCH1
RERR1
QCH1
FCH1
09
R/W
Interrupt Mode
LSB
0
PCCH0
OSLIP0
DETC0
CCH0
RERR0
QCH0
FCH0
0A
R
Receiver Channel
Status
AUX3
AUX2
AUX1
AUX0
PRO
COPY
ORIG
EMPH
0B
R
Audio Format
Detect
0
PCM
IEC61937
DTS_LD
DTS_CD
Reserved
DGTL_SIL
96KHZ
0C
R
Receiver Error
0
QCRC
CCRC
UNLOCK
V
CONF
BIP
PAR
0D
R
Interrupt Status
0
PCCH
OSLIP
DETC
CCH
RERR
QCH
FCH
0E
R
Q-Channel
Subcode [0:7]
CONTROL CONTROL CONTROL CONTROL ADDRESS ADDRESS ADDRESS ADDRESS
0F
R
Q-Channel
Subcode [8:15]
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
10
R
Q-Channel
Subcode [16:23]
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
11
R
Q-Channel
Subcode [24:31]
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
12
R
Q-Channel
Subcode [32:39]
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
13
R
Q-Channel
Subcode [40:47]
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
14
R
Q-Channel
Subcode [48:55]
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
15
R
Q-Channel
Subcode [56:63]
ABS
MINUTE
ABS
MINUTE
ABS
MINUTE
ABS
MINUTE
ABS
MINUTE
ABS
MINUTE
ABS
MINUTE
ABS
MINUTE
16
R
[Q-Channel
Subcode 64:71]
ABS
SECOND
ABS
SECOND
ABS
SECOND
ABS
SECOND
ABS
SECOND
ABS
SECOND
ABS
SECOND
ABS
SECOND
17
R
Q-Channel
Subcode [72:79]
ABS
FRAME
ABS
FRAME
ABS
FRAME
ABS
FRAME
ABS
FRAME
ABS
FRAME
ABS
FRAME
ABS
FRAME
18
R
OMCK_RMCK
Ratio
ORR7
ORR6
ORR5
ORR4
ORR3
ORR2
ORR1
ORR0
19
R
Channel A Status
AC0[7]
AC0[6]
AC0[5]
AC0[4]
AC0[3]
AC0[2]
AC0[1]
AC0[0]
1A
R
Channel A Status
AC1[7]
AC1[6]
AC1[5]
AC1[4]
AC1[3]
AC1[2]
AC1[1]
AC1[0]
1B
R
Channel A Status
AC2[7]
AC2[6]
AC2[5]
AC2[4]
AC2[3]
AC2[2]
AC2[1]
AC2[0]
1C
R
Channel A Status
AC3[7]
AC3[6]
AC3[5]
AC3[4]
AC3[3]
AC3[2]
AC3[1]
AC3[0]
1D
R
Channel A Status
AC4[7]
AC4[6]
AC4[5]
AC4[4]
AC4[3]
AC4[2]
AC4[1]
AC4[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com