Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42436 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 23Page - Cirrus Logic CS42436 Datasheet HTML 24Page - Cirrus Logic CS42436 Datasheet HTML 25Page - Cirrus Logic CS42436 Datasheet HTML 26Page - Cirrus Logic CS42436 Datasheet HTML 27Page - Cirrus Logic CS42436 Datasheet HTML 28Page - Cirrus Logic CS42436 Datasheet HTML 29Page - Cirrus Logic CS42436 Datasheet HTML 30Page - Cirrus Logic CS42436 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
DS647F1
27
CS42436
5.2
Analog Inputs
5.2.1
Line-Level Inputs
AINx+ and AINx- are the line-level differential analog inputs internally biased to VQ, approximately VA/2.
Figure 9 on page 28 shows the full-scale analog input levels. The CS42436 also accommodates single-
ended signals on all inputs, AIN1-AIN
6. See “ADC Input Filter” on page 50 for the recommended input
filters.
5.2.1.1
Hardware Mode
AIN Volume Control and ADC Overflow status are not accessible in Hardware Mode. Single-ended oper-
ation is only supported for ADC3. See Section 5.2.2.
5.2.1.2
Software Mode
For single-ended operation on ADC1-ADC
3 (AIN1 to AIN6), the ADCx_SINGLE bit in the register “ADC
Control & DAC De-Emphasis (Address 05h)” on page 44 must be set appropriately (see Figure 21 on
page 50 for required external components).
The gain/attenuation of the signal can be adjusted for each AINx independently through the “AINX Volume
Control (Address 11h-16h)” on page 48. The ADC output data is in 2’s complement binary format. For in-
puts above positive full scale or below negative full scale, the ADC will output 7FFFFFH or 800000H, re-
spectively, and cause the ADC Overflow bit in the register “Status (Address 19h) (Read Only)” on page 49
to be set to a ‘1’.
AIN6 Multiplexer
Selects between AIN6A and
AIN6B when ADC3 in Single-
Ended Mode
“AIN6_MUX” pin 2
see Section 5.2.2
DAC Volume Control/Mute/Invert
All DAC Volume = 0 dB, un-
muted, not inverted
--
ADC Volume Control
All ADC Volume = 0 dB
-
-
DAC Soft Ramp/Zero Cross
Immediate Change
-
-
ADC Soft Ramp/Zero Cross
Immediate Change
-
-
DAC Auto-Mute
Enabled
-
-
Status Interrupt
N/A
-
-
Hardware Mode Feature Summary
Function
Default Configuration
Hardware Control
Note
Table 2. Hardware Configurable Settings (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com