Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB42448 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CDB42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42448 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CDB42448 Datasheet HTML 49Page - Cirrus Logic CDB42448 Datasheet HTML 50Page - Cirrus Logic CDB42448 Datasheet HTML 51Page - Cirrus Logic CDB42448 Datasheet HTML 52Page - Cirrus Logic CDB42448 Datasheet HTML 53Page - Cirrus Logic CDB42448 Datasheet HTML 54Page - Cirrus Logic CDB42448 Datasheet HTML 55Page - Cirrus Logic CDB42448 Datasheet HTML 56Page - Cirrus Logic CDB42448 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
DS648F2
53
CS42448
7. EXTERNAL FILTERS
7.1
ADC Input Filter
The analog modulator samples the input at 6.144 MHz (internal MCLK=12.288 MHz). The digital filter will
reject signals within the stopband of the filter. However, there is no rejection for input signals which are mul-
tiples of the digital passband frequency (n
× 6.144 MHz), where n=0,1,2,... Refer to Figures 26 and 27 for
a recommended analog input filter that will attenuate any noise energy at 6.144 MHz, in addition to providing
the optimum source impedance for the modulators. Refer to Figures 28 and 29 for low-cost, low-component-
count passive input filters. The use of capacitors that have a large voltage coefficient (such as general-pur-
pose ceramics) must be avoided since these can degrade signal linearity
VA
+
+
-
-
4.7
μF
100k
Ω
10k
Ω
100k
Ω
100k
Ω
0.1
μF
100
μF
470pF
470pF
C0G
C0G
634
Ω
634
Ω
634
Ω
91
Ω
91
Ω
2700pF
C0G
332
Ω
AINx+
AINx-
ADC1-3
Figure 26. Single to Differential Active Input Filter
-
+
470 pF
C0G
634
Ω
91
Ω
2700 pF
C0G
4.7
μF
100 k
Ω
100 k
Ω
100 k
Ω
VA
4.7
μF
AIN1+,2+,3+,4+
AIN1-,2-,3-,4-
ADC1-2
ADC3
-
+
470 pF
C0G
634
Ω
91
Ω
2700 pF
C0G
4.7
μF
100 k
Ω
100 k
Ω
100 k
Ω
VA
AIN5A,6A
-
+
470 pF
C0G
634
Ω
91
Ω
2700 pF
C0G
4.7
μF
100 k
Ω
100 k
Ω
100 k
Ω
VA
AIN5B,6B
Figure 27. Single-Ended Active Input Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com