Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F44D Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # F44D
Description  High Voltage Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

F44D Datasheet(HTML) 1 Page - Welwyn Components Limited

  F44D Datasheet HTML 1Page - Welwyn Components Limited F44D Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Voltage
Thick Film Resistors
F Series
• Working voltage up to 28kV
• Resistance up to 150G
• Termination variants
• Sets supplied with matched characteristics
• Good ratio matching over wide voltage range
F43
F44
Notes
Power rating
watts
0.7
1.3
Resistance range
ohms
2M to 100G
2M to 150G
Limiting element voltage
volts
4K
14K
In air
volts
8K
28K
In oil
TCR 20° - 70°C
ppm/°C
-2000
Resistance tolerance
%
2, 5, 10
Measured at 100 volts dc
Standard values
E24 preferred
Any value to special order
Thermal impedance
°C/watt
44
33
Ambient temperature range
°C
-55 to 100
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
201
L
D
f
d
L
L
F44D
F44TU
F44KU
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
Bend
Type
L max
D max
f min
d nom
centres
Radius
Wt. nom
F43D
25.4
8.4
32.0
0.8
31.8
1.2
3.1
F44D
50.8
8.4
32.0
0.8
57.2
1.2
5.6
F43KU
30.2
8.5
32.0
0.8
3.9
F44KU
53.2
8.5
32.0
0.8
7.4
F43TU
32.6
8.5
5.8
F44TU
55.6
8.5
8.2
Physical Data


Similar Part No. - F44D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
F44D TTELEC-F44D Datasheet
385Kb / 3P
Thick Film Resistors
F44D-4G7GI TTELEC-F44D-4G7GI Datasheet
385Kb / 3P
Thick Film Resistors
F44D-4G7JI TTELEC-F44D-4G7JI Datasheet
385Kb / 3P
Thick Film Resistors
F44D-4G7KI TTELEC-F44D-4G7KI Datasheet
385Kb / 3P
Thick Film Resistors
More results

Similar Description - F44D

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
High Voltage Thick film Resistors
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25 Datasheet
282Kb / 2P
High Voltage / Thick Film Leaded Resistors
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Riedon Powertron
HTE RIEDON-HTE Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
Thick Film High Voltage Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com