Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950811 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950811
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950811 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950811 Datasheet HTML 8Page - Integrated Circuit Systems ICS950811 Datasheet HTML 9Page - Integrated Circuit Systems ICS950811 Datasheet HTML 10Page - Integrated Circuit Systems ICS950811 Datasheet HTML 11Page - Integrated Circuit Systems ICS950811 Datasheet HTML 12Page - Integrated Circuit Systems ICS950811 Datasheet HTML 13Page - Integrated Circuit Systems ICS950811 Datasheet HTML 14Page - Integrated Circuit Systems ICS950811 Datasheet HTML 15Page - Integrated Circuit Systems ICS950811 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
ICS950811
0482E—08/09/07
All 3V66 clocks are to be in pphase with each other. In the case where 3V66_1 is configured as 48MHz VCH clock,
there is no defined phase relationship between 3V66_1/VCH and other 3V66 clocks. The PCI group should lag 3V66
by the standard skew described below as Tpci.
Un-Buffered Mode 3V66 & PCI Phase Relationship
3V66 (1:0)
3V66 (4:2)
3V66_5
PCICLK_F (2:0) PCICLK (6:0)
Tpci
Group Skews at Common Transition Edges: (Un-Buffered Mode)
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
3V66
3V66
3V66 (5:0) pin to pin skew
0
42
500
ps
PCI
PCI
PCI_F (2:0) and PCI (6:0) pin to pin skew
0
130
500
ps
3V66 to PCI
S3V66-PCI
3V66 (5:0) leads 33MHz PCI
1.5
2.86
3.5
ns
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com