Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRZ Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # LRZ
Description  High Current Jumper Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LRZ Datasheet(HTML) 1 Page - Welwyn Components Limited

  LRZ Datasheet HTML 1Page - Welwyn Components Limited LRZ Datasheet HTML 2Page - Welwyn Components Limited LRZ Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Current Jumper Chip
LRZ Series
High current zero-Ohm link
Thick film copper technology
Current rating to 35A
Typical resistance 1.5mΩ
Inductance below 0.2nH
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 02.05
A subsidiary of
TT electronics plc
Physical Data
29
Size
0805
1206
2010
2512
Notes
Current rating @ 70 °C
Amps
15
20
30
35
DC or AC rms
2 second overload current @ 25ºC
Amps
30
40
60
70
Resistance
Ohms
0.003 max.
0.0015 typ.
Ambient temperature range
°C
-55 to +150
Dielectric withstand voltage
Volts
200
Temperature rise at rated current
ºC
30
40
80
90
Pad & trace area for rated current
mm2
40
50
100
300
See Application Notes
Dimensions (mm) & Weight (g)
LW
T
A
C
Wt
0805
2.0 ± 0.3
1.25 ± 0.2
0.61 ± 0.1
0.3 ± 0.15
0.3 ± 0.1
0.009
1206
3.20 ± 0.31
1.63 ± 0.2
0.61 ± 0.1
0.48 ± 0.25
0.48 ± 0.25
0.020
2010
5.23 ± 0.38
2.64 ± 0.25
0.74 ± 0.1
0.48 ± 0.25
0.48 ± 0.25
0.036
2512
6.5 ± 0.38
3.25 ± 0.25
0.74 ± 0.1
0.48 ± 0.25
0.48 ± 0.25
0.055
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
C
Construction
A thick film copper conductive element and organic
protection are screen printed on a 96% alumina substrate.
Terminations
The wrap-around copper terminations have an electroplated
nickel barrier and solderable coating, which ensures excellent
‘leach’ resistance properties and solderability. Chips can
withstand immersion in solder at 260˚C for 30 seconds and
are suitable for reflow or wave soldering processes.
Marking
The body protection is resistant to all normal cleaning solvents
suitable for printed circuits. Chips are marked R000 except for
0805 size which are not marked.
Welwyn Components
Welwyn Components
LRZ_B.qxd
2/16/05
3:49 PM
Page 1


Similar Part No. - LRZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRZ TTELEC-LRZ Datasheet
474Kb / 3P
thick film copper technology
logo
Siemens Semiconductor G...
LRZ180-CO SIEMENS-LRZ180-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LRZ181-CO SIEMENS-LRZ181-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LRZ182-CO SIEMENS-LRZ182-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LRZ183-CO SIEMENS-LRZ183-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
More results

Similar Description - LRZ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y Datasheet
1Mb / 8P
High Current Chip Ferrite Beads
logo
Allied Components Inter...
PCHC25-R56M-RC ALLIED-PCHC25-R56M-RC Datasheet
282Kb / 1P
Power Chip High Current Inductors
MCHC40-1R0K-RC ALLIED-MCHC40-1R0K-RC Datasheet
408Kb / 1P
Molded Chip Inductor High Current
logo
Central Semiconductor C...
CPD93V CENTRAL-CPD93V Datasheet
407Kb / 2P
High Current Switching Diode Chip
CPD89V CENTRAL-CPD89V Datasheet
458Kb / 2P
High Current Diode Chip
CP314V CENTRAL-CP314V Datasheet
463Kb / 2P
NPN - High Current Transistor Chip
logo
Allied Components Inter...
MCHC40 ALLIED-MCHC40 Datasheet
408Kb / 1P
Molded Chip Inductor High Current
PCHC40 ALLIED-PCHC40 Datasheet
632Kb / 1P
Power Chip High Current Inductors
LRC27HC ALLIED-LRC27HC Datasheet
1Mb / 1P
High Current Chip Inductors
logo
Stackpole Electronics, ...
HCJ SEI-HCJ Datasheet
482Kb / 6P
Surface Mount High Current Jumper Chip Resistor
6/29/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com