Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCR1005 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # PCR1005
Description  Precision Thick Film Surface Mounted Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PCR1005 Datasheet(HTML) 1 Page - Welwyn Components Limited

  PCR1005 Datasheet HTML 1Page - Welwyn Components Limited PCR1005 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions of standard styles (mm) & Weight (g)
Wrap around
planar
Style
L
W
T
A
B*
C
Wt
0805
2.0 ± 0.3 1.25 ± 0.2
0.6
0.3 ± 0.15
0.9min
0.3 ± 0.1
0.009
1005
2.5 ± 0.3 1.25 ± 0.2
0.7
Not available
0.4 ± 0.15
0.015
1206
3.2 ± 0.4 1.6 ± 0.2
0.7
0.4 ± 0.2
1.7min
0.4 0.15
0.020
Precision Thick Film
Surface Mounted Resistors
PCR Series
• Tolerance down to 0.1%
• Excellent load stability
• Termination available for wire bonding or
soldering
• Resistance range 10 ohms to 1M ohms
• Any resistance value available within
specified range
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue D · 08.04
A subsidiary of
TT electronics plc
Welwyn Components
PCR0805
PCR1005
PCR1206
Notes
Power rating at 70°C
watts
0.1
0.125
0.25
Resistance range
ohms
10R to 1M
Limiting element voltage
volts
100
150
200
TCR -55°C to +155°C
ppm/°C
100
TCR +20°C to +70°C
ppm/°C
50
Resistance tolerance
%
0.1, 0.25, 0.5, 1
Values
E24 & E96 preferred
Any value to order
Thermal impedance
°C/watt
360
290
200
For 10 devices mounted
on a 50 x 25 mm p.c.b. area
Ambient temperature range*
°C
-55 to 155
Physical Data
*See Application Notes
33
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
T
W
L
Planar terminations
C
C
*This dimension determines the number of conductors which may pass under the surface mounted device.
Construction
Thick film resistor material, overglaze and organic protection
are screen printed on a 96% alumina substrate.
Adjustment
The components are adjusted to final value using a specially
developed technique, which assures optimum load stability
performance.
Terminations
Planar (or single-sided) termination is gold and suitable for
wire-bonding; wrap around is suitable for soldering.
Solderability
Wrap-around terminations have an electroplated nickel barrier
and solder coating, this ensures excellent ‘leach’ resistance
properties and solderability. They will withstand immersion in
solder at 260°C for 30 seconds.
Alternative styles for surface
mounting resistors
PCR_D.qxd
8/9/04
3:54 PM
Page 1


Similar Part No. - PCR1005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR10 LITTELFUSE-PCR10 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
PCR10 LITTELFUSE-PCR10 Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
More results

Similar Description - PCR1005

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6ENF1001V PANASONIC-ERJ-6ENF1001V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-3EKF1471V PANASONIC-ERJ-3EKF1471V Datasheet
93Kb / 3P
Precision Thick Film Chip Resistors
ERJ-8ENF1332V PANASONIC-ERJ-8ENF1332V Datasheet
90Kb / 3P
Precision Thick Film Chip Resistors
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
Precision Thick Film Chip Resistors
ERJ-1GEJ220C PANASONIC-ERJ-1GEJ220C Datasheet
290Kb / 7P
Precision Thick Film Chip Resistors
ERJ-6ENF1500V PANASONIC-ERJ-6ENF1500V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com