Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS621MIT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS621MIT
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS621MIT Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS621MIT Datasheet HTML 1Page - Integrated Device Technology ICS621MIT Datasheet HTML 2Page - Integrated Device Technology ICS621MIT Datasheet HTML 3Page - Integrated Device Technology ICS621MIT Datasheet HTML 4Page - Integrated Device Technology ICS621MIT Datasheet HTML 5Page - Integrated Device Technology ICS621MIT Datasheet HTML 6Page - Integrated Device Technology ICS621MIT Datasheet HTML 7Page - Integrated Device Technology ICS621MIT Datasheet HTML 8Page - Integrated Device Technology ICS621MIT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRELIMINARY DATASHEET
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
1
ICS621
REV B 030907
Description
The ICS621 is a low skew, single input to four output, clock
buffer. The device operates from a single 1.2 to 1.8 volt
supply and has a 3.3 volt tolerant input, making it ideal for
level translation.
IDT makes many non-PLL and PLL based low skew output
devices as well as Zero Delay Buffers to synchronize
clocks. Contact us for all of your clocking needs.
Features
Low skew outputs (150 ps)
Packaged in 8-pin SOIC or 8-pin DFN (2x2mm)
Available in RoHS 5 or RoHS 6 (lead-free) package
Low power CMOS technology
Operating Voltages of 1.2 V to 1.8 V
Output Enable pin tri-states outputs
3.3 V tolerant input clock
Industrial or commercial temperature ranges
Block Diagram
Q0
ICLK
Q1
Q2
Q3
Output Enable


Similar Part No. - ICS621MIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS621 IDT-ICS621 Datasheet
118Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
More results

Similar Description - ICS621MIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com