Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9627PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 11Page - Analog Devices AD9627PCB Datasheet HTML 12Page - Analog Devices AD9627PCB Datasheet HTML 13Page - Analog Devices AD9627PCB Datasheet HTML 14Page - Analog Devices AD9627PCB Datasheet HTML 15Page - Analog Devices AD9627PCB Datasheet HTML 16Page - Analog Devices AD9627PCB Datasheet HTML 17Page - Analog Devices AD9627PCB Datasheet HTML 18Page - Analog Devices AD9627PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Preliminary Technical Data
AD9627
Rev. PrA | Page 15 of 40
TERMINOLOGY
Crosstalk
Coupling onto one channel being driven by a (−0.5 dBFS) signal
when the adjacent interfering channel is driven by a full-scale
signal. Measurement includes all spurs resulting from both
direct coupling and mixing components.
IF Sampling (Undersampling)
Due to the effects of aliasing, an ADC is not necessarily limited
to Nyquist sampling. Frequencies above Nyquist are aliased and
appear in the first Nyquist zone (dc to Sample Rate/2). Care
must be taken to limit the bandwidth of the sampled signal so
that it does not overlap Nyquist zones and alias onto itself. IF
sampling performance is limited by the bandwidth of the input
SHA (sample-and-hold amplifier) and clock jitter. (Jitter adds
more noise at higher input frequencies.)
Nyquist Sampling (Oversampling)
Oversampling occurs when the frequency components of the
analog input signal are below the Nyquist frequency (Fclock/2),
and requires that the analog input frequency be sampled at least
two samples per cycle.
Out-of-Range Recovery Time
Out-of-range recovery time is the time it takes for the analog-
to-digital converter (ADC) to reacquire the analog input after a
transient from 10% above positive full scale to 10% above
negative full scale, or from 10% below negative full scale to 10%
below positive full scale.
Signal-to-Noise Ratio (SNR)
The ratio of the rms value of the measured input signal to the
rms sum of all other spectral components within the pro-
grammed DDC filter bandwidth, excluding the first six
harmonics and dc. The value for SNR is expressed in
decibels (dB).
Two-Tone IMD Rejection
The ratio of the rms value of either input tone to the rms value
of the worst third-order intermodulation product; reported
in dBc.ADC Equivalent Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com