Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS95V842I Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS95V842I
Description  DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V842I Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS95V842I Datasheet HTML 1Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 2Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 3Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 4Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 5Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 6Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 7Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 8Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ICS95V842I
1234A—06/13/06
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
VDD2.5
PWR
Power supply, nominal 2.5V
2
DDRT0
OUT
"True" Clock of differential pair output.
3
DDRC0
OUT
"Complementary" Clock of differential pair output.
4
GND
PWR
Ground pin.
5
CLK_INT
IN
"True" reference clock input.
6
CLK_INC
IN
"Complementary" reference clock input.
7
AVDD
PWR
3.3V Analog Power pin for Core PLL
8
AGND
PWR
Analog Ground pin for Core PLL
9
FB_OUTC
OUT
Complement single-ended feedback output, dedicated external
feedback. It switches at the same frequency as other DDR outputs.
10
FB_OUTT
OUT
True single-ended feedback output, dedicated external feedback. It
switches at the same frequency as other DDR outputs.
11
FB_INT
IN
True single-ended feedback input, provides feedback signal to internal
PLL for synchronization with CLK_INT to eliminate phase error.
12
FB_INC
IN
Complement single-ended feedback input, provides feedback signal to
internal PLL for synchronization with CLK_INT to eliminate phase
error.
13
VDD2.5
PWR
Power supply, nominal 2.5V
14
DDRT1
OUT
"True" Clock of differential pair output.
15
DDRC1
OUT
"Complementary" Clock of differential pair output.
16
GND
PWR
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com