Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24J40 Datasheet(PDF) 49 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MRF24J40 Datasheet HTML 45Page - Microchip Technology MRF24J40 Datasheet HTML 46Page - Microchip Technology MRF24J40 Datasheet HTML 47Page - Microchip Technology MRF24J40 Datasheet HTML 48Page - Microchip Technology MRF24J40 Datasheet HTML 49Page - Microchip Technology MRF24J40 Datasheet HTML 50Page - Microchip Technology MRF24J40 Datasheet HTML 51Page - Microchip Technology MRF24J40 Datasheet HTML 52Page - Microchip Technology MRF24J40 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39776A-page 47
MRF24J40
APPENDIX A:
LAYOUT AND PART
SELECTION
A.1
Layout Considerations and RF
Measurements
Below is an example of the circuit diagram of a balun.
A balun is the impedance transformer from unbalanced
input of the PCB antenna and the balanced input of the
RF transceiver (pins RFP and RFN).
Figure A-2 shows the measured impedance of the
balun where the center of the band is very close to 50
Ω.
When using low tolerance components (i.e., ±5%)
along with an appropriate ground, the impedance will
remain close to the 50
Ω measurement. Figure A-3
shows the measured impedance of the PCB antenna
using a logarithmic scale magnitude. Figure A-4 shows
the same impedance using a Smith Chart diagram and
Figure A-5 using a voltage standing wave ratio.
FIGURE A-1:
EXAMPLE CIRCUIT DIAGRAM
FIGURE A-2:
MEASURED IMPEDANCE
ANT
0.3 pF
L1
4.7 nH
0.5 pF
C38
0.5 pF
L3
5.6 nH
C43
0.5 pF
C40
100 nF
0.5 pF
RFP
RFN
10 nH
10 nH
C7
C23
L4
C37
L5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com