Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4354-PI Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM4354-PI Datasheet HTML 1Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 2Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 3Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 4Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 5Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 6Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 7Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 8Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
ii
9.14
HDLC RECEIVER (RDLC) ................................................................................. 49
9.15
BIT ORIENTED CODE DETECTOR (RBOC) .................................................... 49
9.16
RECEIVE PER-CHANNEL SERIAL CONTROLLER (RPSC) ............................ 50
9.17
PSEUDO RANDOM BINARY SEQUENCE GENERATION AND DETECTION
(PRBS) ............................................................................................................... 50
9.18
BACKPLANE RECEIVE SYSTEM INTERFACE (BRIF)..................................... 50
9.19
BACKPLANE TRANSMIT SYSTEM INTERFACE (BTIF) .................................. 54
9.20
TRANSMIT PER-CHANNEL SERIAL CONTROLLER (TPSC) .......................... 57
9.21
TRANSMIT ELASTIC STORE (TX-ELST) ......................................................... 58
9.22
T1 BASIC TRANSMITTER (T1-XBAS) .............................................................. 58
9.23
E1 TRANSMITTER (E1-TRAN).......................................................................... 59
9.24
T1 INBAND LOOPBACK CODE GENERATOR (XIBC) ..................................... 59
9.25
PULSE DENSITY ENFORCER (XPDE)............................................................. 59
9.26
T1 SIGNALING ALIGNER (SIGA) ...................................................................... 59
9.27
BIT ORIENTED CODE GENERATOR (XBOC).................................................. 60
9.28
HDLC TRANSMITTER (TDPR).......................................................................... 60
9.29
TRANSMIT JITTER ATTENUATOR (TJAT) ....................................................... 61
9.30
LINE TRANSMITTER......................................................................................... 66
9.31
TIMING OPTIONS (TOPS) ................................................................................ 66
9.32
JTAG TEST ACCESS PORT.............................................................................. 66
9.33
MICROPROCESSOR INTERFACE ................................................................... 66
10
NORMAL MODE REGISTER DESCRIPTION ................................................................ 68
10.1
NORMAL MODE REGISTER MEMORY MAP ................................................... 68
11
TEST FEATURES DESCRIPTION................................................................................ 328
11.1
JTAG TEST PORT ........................................................................................... 328
12
OPERATION.................................................................................................................. 331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com