Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRW25 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # VRW25
Description  High Voltage Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

VRW25 Datasheet(HTML) 2 Page - Welwyn Components Limited

  VRW25 Datasheet HTML 1Page - Welwyn Components Limited VRW25 Datasheet HTML 2Page - Welwyn Components Limited VRW25 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Voltage
Thick Film Resistors
SQP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 07.06
Welwyn Components
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated voltage (1000hrs at 70˚C)
4
.
0
5
.
1
%
R
C
˚
5
5
1
t
a
o
r
e
z
C
˚
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
i
t
a
r
e
D
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV)
5
1
.
0
1
%
R
Damp heat steady state (56 days, 40˚C,
90% RH)
1
.
0
5
.
1
%
R
Climatic sequence
2
.
0
5
.
1
%
R
Climatic category
55/155/56
Temperature rapid change
5
0
.
0
5
.
0
%
R
Resistance to solder heat
5
0
.
0
5
.
0
%
R
Vibration
5
0
.
0
5
.
0
%
R
n
i
m
0
0
7
s
t
l
o
v
f
o
o
r
P
e
g
a
t
l
o
V
71
Maximum peak voltage in accordance with “IEC 60065 chapter 14.1”
50 discharges from a 1nF capacitor charged to V max. 12 discharges/minute.
Application Notes
1. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. An
estimate of the temperature rise to be expected at the center of the body can be calculated using the
thermal impedance figures given under Electrical Data.
2. VRW resistors can be supplied with radial, goalpost or lancet pre-formed leads. The VRW37 is also
available in an SMD format with Z formed leads and packed in blister tape. Consult Factory for details.
Packaging
Our standard packaging for VRW is taped and
boxed. The critical dimensions are shown in
Figure 1. The component wires will not
protrude beyond the outside edge of the
tapes. Alternative packaging is available by
request. Pre-formed resistors are supplied
loose packed in plastic bags or boxes.
Performance Data
Pulse Performace
Figure 1
6
mm
2
f
1
f
6
mm
5
mm
Body location f1-f2
1.4mm
1
10
100
0.01
0.1
1
10
100
Megaohms
VRW25
VRW37
VRW Series
Pulse Performance
Vmax (kV)
52mm
Overload (10 x 5s on, 45s off at 6.25 x Pr not exceeding 2 x LEV)
2
Issue B · 01.07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com