Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT20 Datasheet(PDF) 3 Page - Same Sky Devices

Part # AMT20
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT20 Datasheet(HTML) 3 Page - Same Sky Devices

  AMT20 Datasheet HTML 1Page - Same Sky Devices AMT20 Datasheet HTML 2Page - Same Sky Devices AMT20 Datasheet HTML 3Page - Same Sky Devices AMT20 Datasheet HTML 4Page - Same Sky Devices AMT20 Datasheet HTML 5Page - Same Sky Devices AMT20 Datasheet HTML 6Page - Same Sky Devices AMT20 Datasheet HTML 7Page - Same Sky Devices AMT20 Datasheet HTML 8Page - Same Sky Devices AMT20 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SAME SKY | SERIES: AMT20 | DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 09/12/2024 | page 3 of 10
sameskydevices.com
PART NUMBER KEY
The AMT203 is designed for 12 bit binary (4,096) operation. For customers who may use the optional quadrature output, one of the resolutions below may be selected as the
default quadrature output.
AMT203 X - XXXX - XXXX - X
Quadrature
Resolution (PPR):
0096
0500
0192
0512
0200
0768
0250
0800
0384
1000
0400
1024
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
Base Number
AMT20-V KITS
In order to provide maximum flexibility for our customers, the AMT20 series is provided in kit form standard. This allows the user to implement the encoder into a range of
applications using one sku#, reducing engineering and inventory costs.
SLEEVES
2mm3mm
1/8 inch
(3.175mm)
4mm
3/16 inch
(4.76mm)
5mm6mm
1/4 inch
(6.35mm)
8mm
Light Sky
Blue
Orange
Purple
Gray
YellowGreen
RedSnowBlue
BASE
WIDE
BASE
TOP
COVER
SHAFT
ADAPTER
TOOL A
TOOL C
BASE
WIDE
BASE
TOP
COVER
SHAFT
ADAPTER
TOOL A
TOOL C
Connector Options:
"blank" = standard connector
S = locking connector
Mounting Base:
S = Standard
W= Wide
Note:
1. Conformal coating available upon request
AMT203X-V
Connector Options:
"blank" = standard connector
S = locking connector
ORDERING GUIDE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com