Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT22 Datasheet(PDF) 5 Page - Same Sky Devices

Part # AMT22
Description  MODULAR ABSOLUTE ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT22 Datasheet(HTML) 5 Page - Same Sky Devices

  AMT22 Datasheet HTML 1Page - Same Sky Devices AMT22 Datasheet HTML 2Page - Same Sky Devices AMT22 Datasheet HTML 3Page - Same Sky Devices AMT22 Datasheet HTML 4Page - Same Sky Devices AMT22 Datasheet HTML 5Page - Same Sky Devices AMT22 Datasheet HTML 6Page - Same Sky Devices AMT22 Datasheet HTML 7Page - Same Sky Devices AMT22 Datasheet HTML 8Page - Same Sky Devices AMT22 Datasheet HTML 9Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SAME SKY | SERIES: AMT22 | DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 09/12/2024 | page 5 of 9
sameskydevices.com
ENCODER INTERFACE
PINOUT CONNECTOR
#
Function
1
+5 V
2
SCLK
3
MOSI
4
GND
5
MISO
6
CHIP SELECT
AMT223
AMT222
Mating Connector1:
Molex 502578-0600
Notes:
1. Compatible with prototype cable AMT-06C-1-036 and programming cable AMT-06C-1-036-USB.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com