Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEMA17-AMT112S Datasheet(PDF) 6 Page - Same Sky Devices

Part # NEMA17-AMT112S
Description  STEPPER SERVO MOTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

NEMA17-AMT112S Datasheet(HTML) 6 Page - Same Sky Devices

  NEMA17-AMT112S Datasheet HTML 1Page - Same Sky Devices NEMA17-AMT112S Datasheet HTML 2Page - Same Sky Devices NEMA17-AMT112S Datasheet HTML 3Page - Same Sky Devices NEMA17-AMT112S Datasheet HTML 4Page - Same Sky Devices NEMA17-AMT112S Datasheet HTML 5Page - Same Sky Devices NEMA17-AMT112S Datasheet HTML 6Page - Same Sky Devices NEMA17-AMT112S Datasheet HTML 7Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SAME SKY | SERIES: NEMA17-AMT112S | DESCRIPTION: STEPPER SERVO MOTOR
date 09/12/2024 | page 6 of 7
sameskydevices.com
¯
¯
MOTOR WIRE CONNECTIONS
Color
Function
red
A
blue
A
green
B
black
B
26 AWG3, PVC
MECHANICAL DRAWING
units: inch [mm]
tolerance:
X.XX ±0.01 [±0.25]
X.XXX ±0.005 [±0.13]
X.XXXX ±0.0005 [±0.013]
MODEL NO.
BODY LENGTH
(inch)
WEIGHT
(lb)
NEMA17-13-04SD-AMT112S
1.34
0.50
NEMA17-13-04PD-AMT112S
1.34
0.50
NEMA17-16-06SD-AMT112S
1.58
0.65
NEMA17-16-06PD-AMT112S
1.58
0.65
NEMA17-19-07SD-AMT112S
1.89
0.80
NEMA17-19-07PD-AMT112S
1.89
0.80
NEMA17-23-01D-AMT112S
2.34
0.90
ENCODER CONNECTIONS
#
Function
1
TX_ENC+
2
RX_ENC+
3
N/A
4
GND
5
N/A
6
+5 V
7
N/A
8
B+
9
N/A
10
A+
11
N/A
12
Z+
13
N/A
14
MCLRB
15
N/A
16
N/A
17
N/A
15
14
13
16
1
2
3
4
5
6
7
8
9
10
11
12
17
Mating Connector:
JAE FI-W17S
Note 3. NEMA17-19-07PD-AMT112S & NEMA17-23-01D-AMT112S models have 22 AWG wires.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com