Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT01 Datasheet(PDF) 2 Page - Same Sky Devices

Part # PT01
Description  ROTARY POTENTIOMETER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PT01 Datasheet(HTML) 2 Page - Same Sky Devices

  PT01 Datasheet HTML 1Page - Same Sky Devices PT01 Datasheet HTML 2Page - Same Sky Devices PT01 Datasheet HTML 3Page - Same Sky Devices PT01 Datasheet HTML 4Page - Same Sky Devices PT01 Datasheet HTML 5Page - Same Sky Devices PT01 Datasheet HTML 6Page - Same Sky Devices PT01 Datasheet HTML 7Page - Same Sky Devices PT01 Datasheet HTML 8Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SAME SKY | SERIES: PT01 | DESCRIPTION: ROTARY POTENTIOMETER
date 09/12/2024 | page 2 of 8
sameskydevices.com
SCHEMATIC/TAPERS
1
2
3
A (Logarithmic Tapers)
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
Rotational Travel (%)
(15A
): A
B (Linear Tapers)
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
Rotational Travel (%)
C (Reverse Logarithmic Tapers)
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
(15C
): C
Rotational Travel (%)
Resistance Table
Resistance (Ω)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
PART NUMBER KEY
Base Number
PT01 - X X XX X - X XXX
Detent:
1 = No Detent
2 = Center Detent
Terminal Configuration:
A = Vertical/Rear Mount w/Sleeve Bushing
B = Horizontal/Side Mount, Bushingless,
10 mm Height
C = Horizontal/Side Mount, Bushingless,
6.5 mm Height
D = Vertical/Rear Mount, Bushingless
E = Vertical/Rear Mount w/Plastic
Plain Bushing
F = Vertical/Rear Mount w/Metal
Threaded Bushing
G = Horizontal/Side Mount w/Sleeve
Bushing, 6.5 mm Height
H = Horizontal/Side Mount w/Sleeve
Bushing, 10 mm Height
Resistance (Ω):
102 = 1,000
202 = 2,000
502 = 5,000
103 = 10,000
203 = 20,000
503 = 50,000
104 = 100,000
204 = 200,000
504 = 500,000
105 = 1,000,000
Shaft Length:
15 = 15 mm
20 = 20 mm
25 = 25 mm
30 = 30 mm
Shaft Style:
D = D-cut
K1 = Knurled (18 teeth)
K2 = Knurled (40 teeth)
Resistance Taper:
A = Logarithmic
B = Linear
C = Reverse Logarithmic
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com