Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEMA17-19-07PD-AMT112S Datasheet(PDF) 2 Page - Same Sky Devices

Part # NEMA17-19-07PD-AMT112S
Description  STEPPER SERVO MOTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

NEMA17-19-07PD-AMT112S Datasheet(HTML) 2 Page - Same Sky Devices

  NEMA17-19-07PD-AMT112S Datasheet HTML 1Page - Same Sky Devices NEMA17-19-07PD-AMT112S Datasheet HTML 2Page - Same Sky Devices NEMA17-19-07PD-AMT112S Datasheet HTML 3Page - Same Sky Devices NEMA17-19-07PD-AMT112S Datasheet HTML 4Page - Same Sky Devices NEMA17-19-07PD-AMT112S Datasheet HTML 5Page - Same Sky Devices NEMA17-19-07PD-AMT112S Datasheet HTML 6Page - Same Sky Devices NEMA17-19-07PD-AMT112S Datasheet HTML 7Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAME SKY | SERIES: NEMA17-AMT112S | DESCRIPTION: STEPPER SERVO MOTOR
date 09/12/2024 | page 2 of 7
sameskydevices.com
AMT112S ENCODER
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start up time
200
ms
current consumption
with unloaded output
16
mA
output high level
VDD-0.1
V
output low level
0.1
V
output current (per channel)
15
mA
rise/fall time
8
ns
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
CMOS Voltage: A, B, Z
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
quadrature resolutions1
48, 96, 100, 125, 192, 200, 250, 256, 360, 384, 400, 500,
512, 768, 800, 1000, 1024, 1600, 2000, 2048, 2500, 4096
PPR
index2
one pulse per 360 degree rotation
accuracy
0.2
degrees
quadrature duty cycle
50
%
Notes:
1. Resolution programmed with AMT Viewpoint™ PC software. Default resolution set to 400 PPR.
2. Zero position alignment set with AMT One Touch Zero™ module, AMT Viewpoint™ PC software, or serial commands
MECHANICAL
parameter
conditions/description
min
typ
max
units
weight
15.7
g
rotational speed (at each
resolution)
48, 96, 100, 125, 192, 200, 250, 256, 384, 400, 500, 512,
800, 1000, 1024, 2048
8000
RPM
360, 768, 1600, 2000, 4096
4000
RPM
2500
2500
RPM
ENCODER WAVEFORMS
Z
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
Parameter
Description
Expression
Units
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
I
index width
P/2
mechanical degrees
S
A/B state width
P/2
mechanical degrees
The following parameters are defined by the resolution selected for each encoder,
where R = resolution.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com