Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CFT Datasheet(PDF) 79 Page - Integrated Circuit Systems

Part # ICS1893CFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFT Datasheet(HTML) 79 Page - Integrated Circuit Systems

Back Button ICS1893CFT Datasheet HTML 75Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 76Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 77Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 78Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 79Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 80Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 81Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 82Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 83Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
79
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.13.8 Link Loss Inhibit (bit 18.1)
The Link Loss Inhibit bit allows an STA to prevent the ICS1893CF from dropping the link in 10Base-T
mode. When an STA sets this bit to logic:
• Zero, the state machine behaves normally and the link status is based on the signaling detected Twisted-
Pair Receiver inputs.
• One, the ICS1893CF 10Base-T Link Integrity Test state machine is forced into the ‘Link Passed’ state
regardless of the Twisted-Pair Receiver input conditions.
7.13.9 Squelch Inhibit (bit 18.0)
The Squelch Inhibit bit allows an STA to control the ICS1893CF Squelch Detection in 10Base-T mode.
When an STA sets this bit to logic:
• Zero, before the ICS1893CF can establish a valid link, the ICS1893CF must receive valid 10Base-T
data.
• One, before the ICS1893CF can establish a valid link, the ICS1893CF must receive both valid 10Base-T
data followed by an IDL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com