Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CFILF Datasheet(PDF) 26 Page - Integrated Circuit Systems

Part # ICS1893CFILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFILF Datasheet(HTML) 26 Page - Integrated Circuit Systems

Back Button ICS1893CFILF Datasheet HTML 22Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 23Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 24Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 25Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 26Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 27Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 28Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 29Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 30Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
26
Chapter 6 Functional Blocks
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
6.2 Functional Block: Auto-Negotiation
The auto-negotiation logic of the ICS1893CF has the following main functions:
• To determine the capabilities of the remote link partner, (that is, the device at the other end of the link
segment’s medium or cable)
• To advertise the capabilities of the ICS1893CF to the remote link partner
• To establish a protocol with the remote link partner using the highest-performance operating mode that
they have in common
The design of the ICS1893CF Auto-Negotiation sublayer supports both legacy 10Base-T connections as
well as new connections that have multiple technology options for the link. For example, when the
ICS1893CF has the auto-negotiation process enabled and it is operating with a 10Base-T remote link
partner, the ICS1893CF monitors the link and automatically selects the 10Base-T operating mode – even
though the remote link partner does not support auto-negotiation. This process, called parallel detection, is
automatic and transparent to the remote link partner and allows the ICS1893CF to function seamlessly with
existing legacy network structures without any management intervention.
(For an overview of the auto-negotiation process, see Section 4.4, “Auto-Negotiation Operations”.)
6.2.1 Auto-Negotiation General Process
The Auto-Negotiation sublayer uses a physical signaling technique that is transparent at the packet level
and all higher protocol levels. This technique builds on the link pulse mechanism employed in 10Base-T
operations and is fully compliant with clause 28 of the ISO/IEC 8802-3 standard.
During the auto-negotiation process, both the ICS1893CF and its remote link partner use Fast Link Pulses
(FLPs) to simultaneously ‘advertise’ (that is, exchange) information on their respective technology
capabilities as follows:
1. For the auto-negotiation process to take place, both the ICS1893CF and its remote link partner must
first both support and be enabled for Auto-Negotiation.
2. The ICS1893CF obtains the data for its FLP bursts from the Auto-Negotiation Advertisement Register
(Register 4).
3. Both the ICS1893CF and the remote link partner substitute Fast Link Pulse (FLP) bursts in place of the
Normal Link Pulses (NLPs). In each FLP burst, the ICS1893CF transmits information on its technology
capability through its Link Control Word, which includes link configuration and status data.
4. Similarly, the ICS1893CF places the Auto-Negotiation data received from its remote link partner's FLP
bursts into the Auto-Negotiation Link Partner Ability Register (Register 5).
5. After the ICS1893CF and its remote link partner exchange technology capability information, the
ICS1893CF Auto-Negotiation sublayer contrasts the data in Registers 4 and 5 and automatically
selects for the operating mode the highest-priority technology that both Register 4 and 5 have in
common. (That is, both the ICS1893CF and its remote link partner use a predetermined priority list for
selecting the operating mode, thereby ensuring that both sides of the link make the same selection.) As
follows from Annex 28B of the ISO/IEC 8802-3 standard, the pre-determined technology priorities are
listed from 1 (highest priority) to 5 (lowest priority):
(1) 100Base-TX full duplex
(2) 100Base-T4. (The ICS1893CF does not support this technology.)
(3) 100Base-TX (half duplex)
(4) 10Base-T full duplex
(5) 10Base-T (half duplex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com