| Electronic Components Datasheet Search |
|
ICS1893CFILFT Datasheet(PDF) 58 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFILFT Datasheet(HTML) 58 Page - Integrated Circuit Systems |
|
58 / 126 page ![]() ICS1893CF, Rev. F, 03/01/07 Mar. 2007 58 Chapter 7 Management Register Set ICS1893CF Data Sheet - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 7.6 Register 4: Auto-Negotiation Register Table 7-11 lists the bits for the Auto-Negotiation Register. An STA uses this register to select the ICS1893CF capabilities that it wants to advertise to its remote link partner. During the auto-negotiation process, the ICS1893CF advertises (that is, exchanges) capability data with its remote link partner by using a pre-defined Link Code Word. The Link Code Word is embedded in the Fast Link Pulses exchanged between PHYs when the ICS1893CF has its Auto-Negotiation sublayer enabled. The value of the Link Control Word is established based on the value of the bits in this register. Note: For an explanation of acronyms used in Table 7-5, see Chapter 1, “Abbreviations and Acronyms”. † As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value to all Reserved bits. 7.6.1 Next Page (bit 4.15) This bit indicates whether the ICS1893CF uses the Next Page Mode functions during the auto-negotiation process. If bit 4.15 is logic: • Zero, then the ICS1893CF indicates to its remote link partner that these features are disabled. (Although the default value of this bit is logic zero, the ICS1893CF does support the Next Page function.) • One, then the ICS1893CF advertises to its remote link partner that this feature is enabled. Table 7-11. Auto-Negotiation Advertisement Register (register 4 [0x04]) Bit Definition When Bit = 0 When Bit = 1 Ac- cess SF De- fault Hex 4.15 Next Page Next page not supported Next page supported R/W – 0 0 4.14 IEEE reserved Always 0 N/A CW – 0† 4.13 Remote fault Locally, no faults detected Local fault detected R/W – 0 4.12 IEEE reserved Always 0 N/A CW – 0† 4.11 IEEE reserved Always 0 N/A CW – 0† 1 4.10 IEEE reserved Always 0 N/A CW – 0† 4.9 100Base-T4 Always 0. (Not supported.) N/A CW – 0 4.8 100Base-TX, full duplex Do not advertise ability Advertise ability R/W – 1 4.7 100Base-TX, half duplex Do not advertise ability Advertise ability R/W – 1 E 4.6 10Base-T, full duplex Do not advertise ability Advertise ability R/W – 1 4.5 10Base-T half duplex Do not advertise ability Advertise ability R/W – 1 4.4 Selector Field bit S4 IEEE 802.3-specified default N/A CW – 0 4.3 Selector Field bit S3 IEEE 802.3-specified default N/A CW – 0 1 4.2 Selector Field bit S2 IEEE 802.3-specified default N/A CW – 0 4.1 Selector Field bit S1 IEEE 802.3-specified default N/A CW – 0 4.0 Selector Field bit S0 N/A IEEE 802.3-specified default CW – 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |