Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83210 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS83210
Description  LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83210 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS83210 Datasheet HTML 1Page - Integrated Device Technology ICS83210 Datasheet HTML 2Page - Integrated Device Technology ICS83210 Datasheet HTML 3Page - Integrated Device Technology ICS83210 Datasheet HTML 4Page - Integrated Device Technology ICS83210 Datasheet HTML 5Page - Integrated Device Technology ICS83210 Datasheet HTML 6Page - Integrated Device Technology ICS83210 Datasheet HTML 7Page - Integrated Device Technology ICS83210 Datasheet HTML 8Page - Integrated Device Technology ICS83210 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IDT™ / ICS™ LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
3
ICS83210AY REV. A MAY 15, 2007
ICS83210
LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD = 1.5V ± 8%, T
A
= 0°C TO 85°C
TABLE 3B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = 1.5V ± 8%, T
A
= 0°C TO 85°C
NOTE: Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device. These rat-
ings are stress specifications only. Functional operation of prod-
uct at these conditions or any conditions beyond those listed in
the DC Characteristics or AC Characteristics is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
8
3
.
15
.
12
6
.
1V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
Pz
H
M
5
.
2
6
@
d
e
d
a
o
L
s
t
u
p
t
u
O5
1
20
5
2A
m
I
Q
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
QV
N
I
d
e
l
b
a
s
i
d
s
t
u
p
t
u
o
,
V
0
=1
A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IE
O
nV
*
7
.
0
D
D
V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IE
O
n3
.
0
-V
*
3
.
0
D
D
V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IE
O
n
0
5
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IE
O
n5
-A
µ
TABLE 3C. HSTL DC CHARACTERISTICS, V
DD = 1.5V ± 8%, T
A
= 0°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IN
I
V
F
E
R
V
5
7
.
0
=
5
8
.
08
.
1V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IN
I3
.
0
-5
6
.
0V
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OI
H
O
A
m
6
1
-
=0
.
1V
D
D
3
.
0
+V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OI
L
O
A
m
6
1
=3
.
0
-4
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
.
d
n
u
o
r
g
o
t
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DD + 0.5V
Package Thermal Impedance,
θ
JA
75.5°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com