Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC940L Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MPC940L
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC940L Datasheet(HTML) 2 Page - Integrated Device Technology

  MPC940L Datasheet HTML 1Page - Integrated Device Technology MPC940L Datasheet HTML 2Page - Integrated Device Technology MPC940L Datasheet HTML 3Page - Integrated Device Technology MPC940L Datasheet HTML 4Page - Integrated Device Technology MPC940L Datasheet HTML 5Page - Integrated Device Technology MPC940L Datasheet HTML 6Page - Integrated Device Technology MPC940L Datasheet HTML 7Page - Integrated Device Technology MPC940L Datasheet HTML 8Page - Integrated Device Technology MPC940L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MPC940L
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
IDT™ / ICS™ 1:18 CLOCK DISTRIBUTION CHIP
2
MPC940L REV 7 JUNE 5, 2007
LOGIC DIAGRAM
Table 1. Pin Configurations
Pin
I/O
Type
Function
PECL_CLK
Input
LVPECL
Reference Clock Input
PECL_CLK
LVCMOS_CLK
Input
LVCMOS
Alternative Reference Clock Input
LVCMOS_CLK_SEL
Input
LVCMOS
Selects Clock Source
Q0–Q17
Output
LVCMOS
Clock Outputs
VCCO
Supply
Output Positive Power Supply
VCCI
Supply
Core Positive Power Supply
GNDO
Supply
Output Negative Power Supply
GNDI
Supply
Core Negative Power Supply
0
1
16
Q0
Q1–Q16
Q17
PECL_CLK
PECL_CLK
LVCMOS_CLK
LVCMOS_CLK_SEL
(Internal Pulldown)
Pinout: 32-Lead LQFP (Top View)
GNDO
Q5
Q4
Q3
VCCO
Q2
Q1
Q0
VCCO
Q12
Q13
Q14
GNDO
Q15
Q16
Q17
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
45
6
78
24
23
22
21
20
19
18
17
16
MPC940L
FUNCTION TABLE
LVCMOS_CLK_SEL
Input
0
1
PECL_CLK
LVCMOS_CLK
POWER SUPPLY VOLTAGES
Supply Pin
Voltage Level
VCCI
VCCO
2.5 V or 3.3 V ± 5%
2.5 V or 3.3 V ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com