Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRM Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # WRM
Description  Mini Melf Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WRM Datasheet(HTML) 3 Page - Welwyn Components Limited

  WRM Datasheet HTML 1Page - Welwyn Components Limited WRM Datasheet HTML 2Page - Welwyn Components Limited WRM Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mini Melf
Resistors
WRM Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 09.06
Welwyn Components
100
10
1
0,1
10
µs
100
µs
1 ms
10 ms
100 ms
1 s
10 s
Pulse Duration ti
WRM 0102
WRM 0204
WRM 0207
W
100
10
1
0,1
10
µs
100
µs
1 ms
10 ms
100 ms
1 s
10 s
Pulse Duration ti
WRM 0102
WRM 0204
WRM 0207
W
Single Pulse
Maximum Pulse Load
Continuous Pulses
Maximum Pulse Load
Type
WRM
0204
C -
1K0
F
I
Size
TCR
Value (use IEC62 code)
Tolerance (use IEC62 code)
Packing
C
50ppm/ºC
T
10ppm/ºC
D
25ppm/ºC
V
5ppm/ºC
Y
15ppm/ºC
B
0.1%
D
0.5%
G 2%
C
0.25% F
1%
J
5%
0102
3000 / reel (7”)
I
Tape
0204
3000 / reel (7”)*
Standard
0207
1500 / reel (7”)
Ordering Procedure
Example: WRM0204 at 1 kilohm, 1% tolerance and 50ppm/ºC TCR on a reel of 3000 pieces -
* High precision parts may be supplied on 1000 piece reels – please enquire
Packaging
The WRM 0102 and 0204 resistors are supplied reeled on 8mm blister tape.
WRM 0207 resistors are supplied on 12mm blister tape.
Packaging complies with the requirements of IEC 286-3.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com