Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83905AM Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS83905AM
Description  LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83905AM Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS83905AM Datasheet HTML 7Page - Integrated Device Technology ICS83905AM Datasheet HTML 8Page - Integrated Device Technology ICS83905AM Datasheet HTML 9Page - Integrated Device Technology ICS83905AM Datasheet HTML 10Page - Integrated Device Technology ICS83905AM Datasheet HTML 11Page - Integrated Device Technology ICS83905AM Datasheet HTML 12Page - Integrated Device Technology ICS83905AM Datasheet HTML 13Page - Integrated Device Technology ICS83905AM Datasheet HTML 14Page - Integrated Device Technology ICS83905AM Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
11
ICS83905AM REV. B JULY 9, 2007
ICS83905
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
APPLICATION INFORMATION
CRYSTAL INPUT INTERFACE
Figure 2 shows an example of ICS83905 crystal interface with a
parallel resonant crystal. The frequency accuracy can be fine
tuned by adjusting the C1 and C2 values. For a parallel crystal
with loading capacitance CL = 18pF, we suggest C1 = 15pF and
C2 = 15pF to start with. These values may be slightly fine tuned
further to optimize the frequency accuracy for different board
layouts. Slightly increasing the C1 and C2 values will slightly reduce
the frequency. Slightly decreasing the C1 and C2 values will slightly
increase the frequency. For the oscillator circuit below, R1 can be
used, but is not required. For new designs, it is recommended
that R1 not be used.
FIGURE 2. CRYSTAL OSCILLATOR INTERFACE
C1
15p
R1 (optional)
0
X1
18pF Parallel Cry stal
C2
15p
XTAL_IN
XTAL_OUT
LVCMOS TO XTAL INTERFACE
The XTAL_IN input can accept a single-ended LVCMOS
signal through an AC couple capacitor. A general interface
diagram is shown in Figure 3. The XTAL_OUT pin can be left
floating. The input edge rate can be as slow as 10ns. For
LVCMOS inputs, it is recommended that the amplitude be
reduced from full swing to half swing in order to prevent signal
interference with the power rail and to reduce noise. This
configuration requires that the output impedance of the driver
(Ro) plus the series resistance (Rs) equals the transmission
line impedance. In addition, matched termination at the crystal
input will attenuate the signal in half. This can be done in one
of two ways. First, R1 and R2 in parallel should equal the
transmission line impedance. For most 50
Ω applications, R1
and R2 can be 100
Ω. This can also be accomplished by
removing R1 and making R2 50
Ω.
FIGURE 3. GENERAL DIAGRAM FOR LVCMOS DRIVER TO XTAL INPUT INTERFACE
XTAL_IN
XTAL_OUT
VCC
R2
Ro
R1
Zo = 50
Rs
VCC
.1uf
VDD
VDD
Zo = Ro + Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com