Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC940LAC Datasheet(PDF) 3 Page - Integrated Device Technology

Part # MPC940LAC
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC940LAC Datasheet(HTML) 3 Page - Integrated Device Technology

  MPC940LAC Datasheet HTML 1Page - Integrated Device Technology MPC940LAC Datasheet HTML 2Page - Integrated Device Technology MPC940LAC Datasheet HTML 3Page - Integrated Device Technology MPC940LAC Datasheet HTML 4Page - Integrated Device Technology MPC940LAC Datasheet HTML 5Page - Integrated Device Technology MPC940LAC Datasheet HTML 6Page - Integrated Device Technology MPC940LAC Datasheet HTML 7Page - Integrated Device Technology MPC940LAC Datasheet HTML 8Page - Integrated Device Technology MPC940LAC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MPC940L
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
IDT™ / ICS™ 1:18 CLOCK DISTRIBUTION CHIP
3
MPC940L REV 7 JUNE 5, 2007
Table 2. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is
not implied.
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
3.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
Table 3. DC Characteristics (TA = 0° to 70°C, VCCI = 3.3 V ±5%; VCCO = 3.3 V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
CMOS_CLK
2.4
VCCI
V
VIL
Input LOW Voltage
CMOS_CLK
0.8
V
VPP
Peak-to-Peak Input Voltage
PECL_CLK
500
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCCI – 1.4
VCCI – 0.6
V
VOH
Output HIGH Voltage
2.4
V
IOH = –20 mA
VOL
Output LOW Voltage
0.5
V
IOL = 20 mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
Cpd
Power Dissipation Capacitance
10
pF
per output
ZOUT
Output Impedance
18
23
28
Ω
ICC
Maximum Quiescent Supply Current
0.5
1.0
mA
Table 4. AC Characteristics (TA = 0° to 70°C, VCCI = 3.3 V ±5%; VCCO = 3.3 V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
250
MHz
tPLH
Propagation Delay
PECL_CLK
≤ 150 MHz
CMOS_CLK
≤ 150 MHz
2.0
1.8
2.7
2.5
3.4
3.0
ns
tPLH
Propagation Delay
PECL_CLK > 150 MHz
CMOS_CLK > 150 MHz
2.0
1.8
2.9
2.4
3.7
3.2
ns
tsk(o)
Output-to-Output Skew
PECL_CLK
CMOS_CLK
150
150
ps
tsk(pp)
Part-to-Part Skew
PECL_CLK
≤ 150 MHz
CMOS_CLK
≤ 150 MHz
1.4
1.2
ns
Note (1)
1. Across temperature and voltage ranges. Includes output skew.
tsk(pp)
Part-to-Part Skew
PECL_CLK > 150 MHz
CMOS_CLK > 150 MHz
1.7
1.4
ns
Note (1)
tsk(pp)
Part-to-Part Skew
PECL_CLK
CMOS_CLK
850
750
ps
Note (2)
2. For specific temperature and voltage. Includes output skew.
DC
Output Duty Cycle
fCLK < 134 MHz
fCLK ≤ 250 MHz
45
40
50
50
55
60
%
%
Input DC = 50%
Input DC = 50%
tr, tf
Output Rise/Fall Time
0.3
1.1
ns
0.5 – 2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com