Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N65FJD2 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # 7N65FJD2
Description  7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

7N65FJD2 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  7N65FJD2 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 7N65FJD2 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 7N65FJD2 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 7N65FJD2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock 7N65FJD2 Datasheet HTML 5Page - Silan Microelectronics Joint-stock 7N65FJD2 Datasheet HTML 6Page - Silan Microelectronics Joint-stock 7N65FJD2 Datasheet HTML 7Page - Silan Microelectronics Joint-stock 7N65FJD2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock 7N65FJD2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Silan
Microelectronics
SVS7N65D(F)(MJ)(FJ)D2_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.6
http: //www.silan.com.cn
Page 4 of 10
TYPICAL CHARACTERISTICS
Figure 1. On-Region Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Drain-Source Voltage – VDS(V)
Drain Current – ID(A)
Source-Drain Voltage– VSD(V)
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current and Temperature
Figure 2. Transfer Characteristics
Gate-Source Voltage– VGS(V)
Drain-Source Voltage – VDS(V)
Figure 5. Capacitance Characteristics
Total Gate Charge – Qg(nC)
Figure 6. Gate Charge Characteristics
0.1
1
10
0
4
6
8
10
0.40
0.60
0.70
0
4
8
0.2
0.4
0.6
0.8
1.4
1.0
0.1
10
100
0.90
100
-55°C
25°C
150°C
-55°C
25°C
150°C
1
2
VGS=10V
VGS=20V
0
40
80
120
10
-1
10
0
10
1
10
3
10
4
10
2
Ciss=Cgs+Cgd(Cds=shorted)
Coss=Cds+Cgd
Crss=Cgd
0
0
5
2
4
6
8
10
12
20
10
VDS=520V
VDS=325V
VDS=130V
Note:ID=7.0A
1.2
0.50
0.80
6
Note: TJ=25°C
注:
1.250µS 脉冲测试
2.VGS=0V
Notes:
1.250µS pulse test
2.VDS=50V
Notes:
1. VGS=0V
2. f=1MHz
0
4
20
0
16
20
8
Notes:
1.250µS pulse test
2.TC=25°C
16
8
12
4
12
VGS=5.0V
VGS=5.5V
VGS=6.0V
VGS=7.0V
VGS=8.0V
VGS=10V
VGS=15V
2
Ciss
Coss
Crss
20
60
100
15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com